Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLF0905-470Y Datasheet(PDF) 2 Page - RFE international

Part # TLF0905-470Y
Description  SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

TLF0905-470Y Datasheet(HTML) 2 Page - RFE international

  TLF0905-470Y Datasheet HTML 1Page - RFE international TLF0905-470Y Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT TRANSFORMERS
TLF Series: Line Filter (Common Mode Choke)
IMPEDANCE vs FREQUENCY
10
1
0.1
TLF0905-251Y
TLF0905-501Y
TLF0905-121Y
0.1
1
10
100
1000
Frequency (MHz)
10
1
0.1
TLF0602-181Y
TLF0602-331Y
TLF0602-820Y
0.1
1
10
100
1000
Frequency (MHz)
10
1
0.1
TLF1306-350Y
TLF1306-600Y
0.1
1
10
100
1000
Frequency (MHz)
TLF1306-332Y
TLF1306-102Y
TLF1306-101Y
Frequency (Mhz)
0.1
1
10
100
1000
TLF1306-600Y
TLF1306-350Y
30
10
1
0.1
TLF1306-251Y
C4D01
REV 2001
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - TLF0905-470Y

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TLF10UAH1230R5 TAIYO-YUDEN-TLF10UAH1230R5 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF10UAH8720R7 TAIYO-YUDEN-TLF10UAH8720R7 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF10UAH9920R6 TAIYO-YUDEN-TLF10UAH9920R6 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
logo
Infineon Technologies A...
TLF11251LD INFINEON-TLF11251LD Datasheet
2Mb / 25P
   OPTIREG™ PMIC TLF11251LD 2.5 A half bridge with integrated driver and level shifter
Rev. 1.02 2021-02-05
logo
Taiyo Yuden (U.S.A.), I...
TLF14CB1021R5K1 TAIYO-YUDEN-TLF14CB1021R5K1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
More results

Similar Description - TLF0905-470Y

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DT35-2111T DELTA-DT35-2111T Datasheet
60Kb / 1P
   COMMON MODE CHOKE Transformers
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
   Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
   CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
ICM0805ER900M VISHAY-ICM0805ER900M Datasheet
67Kb / 2P
   Surface Mount Common Mode Choke
Revision: 19-Apr-10
logo
NIC-Components Corp.
NCC NIC-NCC Datasheet
126Kb / 3P
   Surface Mount Common Mode Choke
logo
API Delevan
CM6560 API-CM6560 Datasheet
47Kb / 1P
   Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com