Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


7-002-152FBP Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part No. 7-002-152FBP
Description  Fusion Bonded Cable Jumpers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ARIES [Aries Electronics, Inc.]
Homepage  http://www.arieselec.com
Logo 

   
 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Series 152FB fusion-bonded Cable Jumpers are flexible – plug them directly into PC
boards or sockets.
• Stranded wire conductors are fusion bonded with an overcoat of Sn for easy solder-
ing or socketing.
• Each jumper is shipped with protective tabs on both ends for maintaining proper
conductor spacing.
GENERAL SPECIFICATIONS
• INSULATION: UL VW-1, Style 2651 Polyvinyl Chloride (PVC) with optional Polar-
ization Stripe on one side
• NOMINAL INSULATION: Thickness 0.009 [0.23]
• CONDUCTORS: 26-gauge, 7-strand Cu with Sn fusion-bonded overcoat
• OPERATING TEMPERATURE: -4°F to 221°F [-20°C to 105°C]
• Voltage Rating: 300Vrms
• DIELECTRIC WITHSTANDING VOLTAGE: 1500Vrms
• INSULATION RESISTANCE: 10,000 mΩ per 10 feet [3.05 meters]
• RESISTANCE: 40.3Ω per 1000 feet [304.8
meters]
• PROPAGATION DELAY: 1.3ns/ft.
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.033
±0.002 [0.84 ±0.05] dia.
11001
Rev. AA
Series 152FB
Fusion Bonded Cable Jumpers
# Conductors
Min. Insulation
Length
4 thru 8
1.000 [25.40]
9 and 10
1.250 [31.75]
11 thru 22
1.500 [38.10]
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS IN INCHES [MILLIMETERS]
ALL TOLERANCES ±0.005 [±0.13] UNLESS OTHERWISE SPECIFIED
“A” # CONDUCTORS x 0.100 [2.54]
“B” (# CONDUCTORS -1) x 0.100 [2.54]
ALL CABLES SHIP WITH Pb-FREE MATERIAL UNLESS SPECIFIED
BY CUSTOMER WHEN ORDERING
CONSULT FACTORY FOR OTHER SIZES & CONFIGURATIONS
No. of Conductors
(4 thru 22)
Cable Length
Example: 2" = -002-
2.5" = -002.5-
2.25" = -002.25-
2.125" = -002.125-
ORDERING INFORMATION
XX-XXXXX-152FB X
Option
P = Polarization Stripe along
one edge of cable*
Jumper Series
* Aries reserves the right to ship with
or without polarization stripe unless
specified by customer.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl