Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28-6556-40 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 28-6556-40
Description  Universal Test Socket Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

28-6556-40 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  28-6556-40 Datasheet HTML 1Page - Aries Electronics, Inc. 28-6556-40 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• The Aries Universal Test Socket Receptacle is sturdy, open-frame, and easily
mounted to PC boards.
• Allows for easy replacement of Aries and other manufacturers’ test sockets.
• The threaded inserts at both ends of the receptacle provide a firm and positive con-
nection for the test socket.
• A choice of four collet pin styles makes the receptacle useful for any interconnection
method.
• If a high-temperature version for use with socket shown on Data Sheet 10002 is
required, please contact Aries for availability.
GENERAL SPECIFICATIONS
• SOCKET BODY: black UL 94V-0 glass-filled Polyphenylene Sulfide (PPS)
• PIN BODY: Brass 360 1/2-hard per UNS C36000 ASTM B16/B16M-05
• PIN BODY PLATING: 100µ [2.54µ] Ni underplate per SAE AMS-QQ-N-290, over-
plated with either: “X0” 200µ [5.08µ] min. matte Sn per ASTM B545-97(2004)
e1 X0TL 200µ [5.08µ] min. 93/7 Sn/Pb per ASTM B545; “X1”
10µ [0.25µ] min. Au per MIL-G-45204
• 4-FINGER COLLET CONTACT: BeCu per UNS C17200 ASTM
B194-08
• CONTACT PLATING: 30µ [0.76µ] min. Au per MIL-G-45204
over 50µ [1.27µ] min. Ni per QQ-N-290
• HARDWARE: Stainless Steel and Ni-plated Brass
• CONTACT CURRENT RATING: 3 amps
• OPERATING TEMPERATURE: 221°F [105°C] Sn plating; 302°F
[150°C] Au plating
• ACCEPTS LEADS: 0.015-0.025 [0.38-0.64] in dia., 0.110-
0.150 [2.54-3.81] long
• INSERTION FORCE: 180g/pin, based on 0.018 [0.46] dia. test
lead
• WITHDRAWAL FORCE: 90g/pin, based on 0.018 [0.46] dia. test lead
• NORMAL FORCE: 140g/pin, based on 0.018 [0.46] dia. test lead
MOUNTING CONSIDERATIONS
• See Dimension Table on 2 of 2
10003
1 of 2
Rev. AA
Series 6556
Universal Test Socket Receptacle
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
ARIES UNIVERSAL TEST SOCKET SERIES X55X. CONSULT
DATA
SHEET 10001 AND DATA SHEET 10002 FOR DETAILS.
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
ORDERING INFORMATION
XX-6556-X X
Plating
0 = Sn Body; Au Collet
0TL = Sn/Pb Body; Au Collet
1 = Au Body; Au Collet
Pin Style
1 = Solder Tail
2 = 2-level Wire Wrap
3 = 3-level Wire Wrap
4 = Solder Cup
Pins
(see Table)
Series


Similar Part No. - 28-6556-40

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
28-6556-40 ARIES-28-6556-40 Datasheet
829Kb / 2P
   Universal Test Socket Receptacle
28-6556-40TL ARIES-28-6556-40TL Datasheet
829Kb / 2P
   Universal Test Socket Receptacle
More results

Similar Description - 28-6556-40

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
10003 ARIES-10003 Datasheet
829Kb / 2P
   Universal Test Socket Receptacle
10012 ARIES-10012 Datasheet
529Kb / 1P
   Universal PLCC ZIF Test Socket
10010 ARIES-10010 Datasheet
1Mb / 2P
   Universal PLCC ZIF Test Socket
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
20-537-20 ARIES-20-537-20 Datasheet
491Kb / 1P
   Insert Plates for Universal PLCC ZIF Test Socket
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
   Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
84-537-21 ARIES-84-537-21 Datasheet
1Mb / 2P
   ?쁋ive Bug??Type Universal PLCC ZIF Test Socket
10001 ARIES-10001 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
24-3551-18 ARIES-24-3551-18 Datasheet
642Kb / 1P
   High-Temperature Universal Zero-Insertion-Force DIP Test Socket
10002 ARIES-10002 Datasheet
716Kb / 1P
   High-Temp Universal ZIF DIP Burn-in & Test Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com