Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS3V125QX Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part # VS3V125QX
Description  3.3V Quad Bus Switch with Individual Active Low Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS3V125QX Datasheet(HTML) 5 Page - Vaishali Semiconductor

  VS3V125QX Datasheet HTML 1Page - Vaishali Semiconductor VS3V125QX Datasheet HTML 2Page - Vaishali Semiconductor VS3V125QX Datasheet HTML 3Page - Vaishali Semiconductor VS3V125QX Datasheet HTML 4Page - Vaishali Semiconductor VS3V125QX Datasheet HTML 5Page - Vaishali Semiconductor VS3V125QX Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VS3V125
2001-04-12
Page 5
MDSS-0002-002
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 8. Switching Characteristics Over Operating Range – 3.3V Supply Voltage
TA = -40
oC to +85oC, V
CC = 3.3V + 5%
CLOAD = 30pF, RLOAD = 500
Ω unless otherwise stated.
Symbol
Description
(1)
Min
(3)
Max
Units
tPLH, tPHL
Data Propagation Delay
(2,3) through the switch
-
0.25
ns
tPZH, tPZL
Switch Turn-on Delay, /xOE to xA or xY
1.5
6.5
ns
tPLZ, tPHZ
Switch Turn-off Delay
(3), /xOE to xA or xY
1.5
5.5
ns
Table 9. Switching Characteristics Over Operating Range – 2.5V Supply Voltage
TA = -40
oC to +85oC, V
CC = 2.5V + 0.2V
CLOAD = 30pF, RLOAD = 500
Ω unless otherwise stated.
Symbol
Description
(1)
Min
(3)
Max
Units
tPLH, tPHL
Data Propagation Delay
(2,3) through the switch
ns
tPZH, tPZL
Switch Turn-on Delay, , /xOE to xA or xY
ns
tPLZ, tPHZ
Switch Turn-off Delay
(3), /xOE to xA or xY
ns
Notes:
1.
See test circuits and waveforms.
2.
This parameter is the calculated theoretical RC time constant of ON-state resistance of the switch and the
specified load capacitance when driven by an ideal voltage source (zero source impedance). This time-constant is
of the order of 0.25ns for VS3V125. Since this time-constant is much smaller than rise/fall times of typical driving
signals, it adds very little propagation delay to the system.
3.
This parameter is guaranteed, but not production tested.
Figure 5. AC Test Circuit and Switching Waveforms
AC Test Circuit - 3.3V Supply Voltage
Load Switch Position
Pulse
Generator
DUT
VIN
VOUT
CL
500
R
L
S1
5 V
50
Ω=Coax to
Oscilloscope
50
450
TEST
S1
tPLH, tPHL
Open
tPLZ, tPZL
Closed
tPHZ, tPZH
Open
Input Conditions
1.
Input voltage = 0 V to 3.0 V
2.
tr = tf = 2.5ns (10% to 90%)


Similar Part No. - VS3V125QX

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3V2253Q VAISH-VS3V2253Q Datasheet
63Kb / 6P
   High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
VS3V2253QX VAISH-VS3V2253QX Datasheet
63Kb / 6P
   High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
VS3V2257Q VAISH-VS3V2257Q Datasheet
60Kb / 6P
   High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
VS3V2257QX VAISH-VS3V2257QX Datasheet
60Kb / 6P
   High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
VS3V253 VAISH-VS3V253 Datasheet
63Kb / 6P
   High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
More results

Similar Description - VS3V125QX

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
   Quad Bus Switch with Individual Active Low Enables
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332_08 Datasheet
463Kb / 9P
   Quad Video Switch with Individual Enables
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
   2-Bit Bus Switch with Individual Enables
logo
Renesas Technology Corp
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
   2-Bit Bus Switch with Individual Enables
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
   4-Bit Bus Switch with Individual Enables
PI5C3125 PERICOM-PI5C3125 Datasheet
393Kb / 6P
   4-Bit Bus Switch with Individual Enables
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
   2-Bit Bus Switch with Active Low Enables
PI5C3306 PERICOM-PI5C3306 Datasheet
40Kb / 3P
   2-Bit Bus Switch with Active Low Enables
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com