Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JVR-25N102KPU5L Datasheet(PDF) 2 Page - RFE international

Part # JVR-25N102KPU5L
Description  METAL OXIDE VARISTOR 25mm, Large Size, High Surge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JVR-25N102KPU5L Datasheet(HTML) 2 Page - RFE international

  JVR-25N102KPU5L Datasheet HTML 1Page - RFE international JVR-25N102KPU5L Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
METAL OXIDE VARISTOR
25mm, Large Size, High Surge
SIZE
D max
H max
E + 0.8
d + 0.5
25D
28
31
1.0
12.5
D
E
d
T
DIMENSIONS
MECHANICAL DIMENSIONS
Part Code
T max
201K
221K
241K
271K
301K
331K
361K
391K
431K
471K
511K
5.5
5.6
5.7
6.0
6.1
6.1
6.2
6.3
6.5
6.8
7.0
Part Code
T max
561K
621K
681K
751K
781K
821K
911K
102K
112K
122K
152K
182K
7.3
7.6
8.3
8.5
8.7
9.1
9.6
10.5
10.8
11.5
13.5
16.6
PULSE RATING CURVES
V-I CHARACTERISTIC CURVES
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
Impulse (µ S)
201 to 182
1
10
100
1000
10000
100000
10
100
1000
10000
1
Tim
e
2 Ti
m es
10 1
Tim
es
1 0 2
T ime s
10 3T i
m e s
10 4
Tim e s
C5BB15
2007.5.22
201KS34~182K S34
10
100
1000
10000
0.000001
0.0001
0.01
1
100
10000
Current (A)
182K
152k
122k
112K
102K
911K
821K
781K
751K
681K
621K
561K
511K
471K
431K
391K
361K
331K
301K
271K
241K
221K
201K
Test current wavef
orm
10-6 to 10-3 A:Direct current
10
-1 to 105 A:8/20 S
Max.Leakage Current
Max.
Clamping
Volt
age
10
-6
10
-5
10
-4
10
-2
10
-1
10
0
10
1
10
2
10 3
104 10 5
10
-3
µ
201 to 182


Similar Part No. - JVR-25N102KPU5L

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR-20N101K RFE-JVR-20N101K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR-20N102K RFE-JVR-20N102K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR-20N112K RFE-JVR-20N112K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR-20N121K RFE-JVR-20N121K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR-20N151K RFE-JVR-20N151K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
More results

Similar Description - JVR-25N102KPU5L

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR-40N201K RFE-JVR-40N201K Datasheet
104Kb / 1P
   METAL OXIDE VARISTOR 40mm, Large Size, High Surge
JVR-32N201K RFE-JVR-32N201K Datasheet
95Kb / 1P
   METAL OXIDE VARISTOR 32mm, Large Size, High Surge
JVR-53N201K RFE-JVR-53N201K Datasheet
101Kb / 1P
   METAL OXIDE VARISTOR 53mm, Large Size, High Surge
JVR-34N201K RFE-JVR-34N201K Datasheet
103Kb / 1P
   METAL OXIDE VARISTOR 34mm Square, Large Size, High Surge
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
JVR07S180M65 RFE-JVR07S180M65 Datasheet
112Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc HIGH SURGE
JVR05S180M65 RFE-JVR05S180M65 Datasheet
113Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc HIGH SURGE
JVR14U201K87 RFE-JVR14U201K87 Datasheet
395Kb / 1P
   METAL OXIDE VARISTOR Ultra High Surge 14mm & 20mm
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com