Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSIG50-06 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSIG50-06
Description  IGBT Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSIG50-06 Datasheet(HTML) 1 Page - Powersem GmbH

  PSIG50-06 Datasheet HTML 1Page - Powersem GmbH PSIG50-06 Datasheet HTML 2Page - Powersem GmbH PSIG50-06 Datasheet HTML 3Page - Powersem GmbH PSIG50-06 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IGBT Module
I
C25
= 42.5 A
V
CES
= 600 V
V
CE(sat)typ. = 2.4 V
Features
Package with DCB ceramic base plate
Isolation voltage 3000 V∼
Planar glass passivated chips
Low forward voltage drop
Leads suitable for PC board
soldering
UL registered, E 148688
Applications
AC and DC motor control
AC servo and robot drives
power supplies
welding inverters
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Small and light weight
Leads with expansion bend for
stress relief
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
© 2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Caution: These Devices are sensitive
to electrostatic discharge. Users should
observe proper ESD handling precautions.
PSIG 50/06
PSI
50/06*
PSIS 50/06*
PSSI 50/06*
PSSI
PSIS
PSIS 50/06*
PSIG 50/06
PSSI 50/06*
PSIG
*NTC optional
Short Circuit SOA Capability
Square RBSOA
IGBTs
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
600
V
V
GES
± 20
V
I
C25
T
C = 25°C
42.5
A
I
C80
T
C = 80°C
29
A
I
CM
V
GE = ±15 V; RG = 33 Ω; TVJ = 125°C
60
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
V
CES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 33 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
130
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 50 A; VGE = 15 V; TVJ =
25°C
2.4
2.9
V
T
VJ = 125°C
2.9
V
V
GE(th)
I
C = 0.7 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES;
V
GE = 0 V;
T
VJ =
25°C
0.6
mA
T
VJ = 125°C
1.7
mA
I
GES
V
CE = 0 V; VGE =
± 20 V
100
nA
t
d(on)
50
ns
t
r
50
ns
t
d(off)
270
ns
t
f
40
ns
E
on
1.4
mJ
E
off
1.0
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
16
nF
R
thJC
(per IGBT)
0.96 K/W
R
thJH
with heatsink compound (0.42 K/m.K; 50 µm)
1.92
K/W
Inductive load, T
VJ = 125°C
V
CE = 300 V; IC = 30 A
V
GE = 15/0 V; RG = 33 Ω
PSI 50/06*
G H 1 0
V X 1 8
K 1 0
X 1 6
N T C
E 2
L 9
O P 9
X 1 3
X 1 5
PSI
IK 1 0
R S 18
A C 1
L 9
F 1
X 1 5
X 1 6
N T C
T 1 6
L 9
X 1 6
N T C
X 15
IK 1 0
R S 1 8
A C 1
A1
JK 10
S18
LN 9


Similar Part No. - PSIG50-06

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSIG50-12 POWERSEM-PSIG50-12 Datasheet
293Kb / 4P
   IGBT Module
More results

Similar Description - PSIG50-06

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com