Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS32257Q Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # VS32257Q
Description  Quad 2:1 Mux/Demux VSwitch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS32257Q Datasheet(HTML) 3 Page - Vaishali Semiconductor

  VS32257Q Datasheet HTML 1Page - Vaishali Semiconductor VS32257Q Datasheet HTML 2Page - Vaishali Semiconductor VS32257Q Datasheet HTML 3Page - Vaishali Semiconductor VS32257Q Datasheet HTML 4Page - Vaishali Semiconductor VS32257Q Datasheet HTML 5Page - Vaishali Semiconductor VS32257Q Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS3257/VS32257
2001-04-12
Page 3
MDSS-0009-01
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 5. Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Power supply voltage
4.5
5.5
V
VIL
Low level input voltage
-0.5
0.8
V
VIH
High level input voltage
2.0
5.5
V
TA
Operating free-air temperature
-40
85
oC
Note:
1. All unused control inputs of the device must be held at Vcc or GND, to ensure proper device operation
Table 6. Electrical Characteristics Over Recommended Operating Free-air Temperature Range
Symbol
Parameter
Test Conditions
Min
Typ
(1)
Max
Units
Control Inputs
-1.5
VIK
Clamp Voltage
Switch I/O
VCC = Min, IIK = -18 mA
-1.5
V
VIN = VCC = 5V, IOUT = -5
µA
3.7
3.9
4.1
VOH
Logic High Voltage
Switch I/O
VCC = 4.3V, VN = 5V,
IOUT = -5
µA
3.0
3.3
3.6
V
II
Input Leakage
Current
Control Inputs
VCC = Max, VI = VCC or GND
1
µA
Control Inputs
|OFF|
Power OFF Leakage
Current
Switch I/O
VCC = 0,
VI or VO = VCC or GND
1
µA
|IOZ|
OFF State Leakage
Current
Switch I/O
VCC = Max, VI/O = VCC,
/E = VCC
1
µA
VS3257
50
mA
IODL
Switch I/O Drive
Current (Logic LOW)
VCC = Min, VIN = 0,
VOUT = 0.4V
VS32257
mA
VS3257
-50
mA
IODH
Switch I/O Drive
Current (Logic HIGH)
VCC = Min, VIN = VCC,
VOUT = 2.4V
VS32257
mA
VS3257
5
7
RON
Switch ON
Resistance
(2)
VCC = Min, VIN = 0,
IOUT = 30mA
VS32257
20
28
40
Notes:
1.
Typical values are specified at VCC = 5.0V and TA = 25
oC.
2.
RON is measured by forcing specified current into the ‘output’ node of the switch with the ‘input’ node of the switch at the the
specified voltage
Table 7. Power Supply Characteristics Over Recommended Operating Free-air Temperature Range
Symbol
Parameter
Test Conditions
(1)
Max
Units
ICCQ
Quiescent Power Supply Current
VCC = Max,
S, /E = VCC or GND, f = 0
1
µA
∆ICC
Power Supply Current per Input High
(Control Inputs)
(2)
VCC = Max, VIN = 3.4V, f = 0
1.5
mA
QCCD
Dynamic Power Supply Current
(3)
VCC = Max, Switch pins open,
Control Inputs toggling at 50% duty cycle
0.25
mA/MHz
Notes:
1.
For conditions shown as Min or Max, use the appropriate values per Recommended Operating Conditions.
2.
Per TTL-driven control input. All other control inputs at GND. Switch I/O pins do not contribute to
∆ICC.
3.
This parameter represents the average DC current resulting from the switching of internal nodes of the device at a given
frequency. The switch I/O pins make insignificant contribution to the dynamic power supply current of the device. This parameter
is guaranteed, but not production tested.


Similar Part No. - VS32257Q

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS32244Q VAISH-VS32244Q Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS32244QX VAISH-VS32244QX Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS32245Q VAISH-VS32245Q Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS32245QX VAISH-VS32245QX Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
More results

Similar Description - VS32257Q

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3V257 VAISH-VS3V257 Datasheet
60Kb / 6P
   High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
   Quad 2 1 Mux/DeMux BusSwitch
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
   Quad 2:1 MUX/DEMUX BusSwitch
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com