Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS32244QX Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part # VS32244QX
Description  High Speed CMOS VSwitch Dual 4-Bit Bus Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS32244QX Datasheet(HTML) 5 Page - Vaishali Semiconductor

  VS32244QX Datasheet HTML 1Page - Vaishali Semiconductor VS32244QX Datasheet HTML 2Page - Vaishali Semiconductor VS32244QX Datasheet HTML 3Page - Vaishali Semiconductor VS32244QX Datasheet HTML 4Page - Vaishali Semiconductor VS32244QX Datasheet HTML 5Page - Vaishali Semiconductor VS32244QX Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VS3244/VS32244
2001-04-12
Page 5
MDSS-0008-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 8. Switching Characteristics Over Operating Range
TA = -40
oC to +85oC, V
CC = 5.0V + 10
%
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise stated.
Symbol
Description
(1)
VS3245
Min
(3)
Max
VS32245
Min
(3)
Max
Units
tPLH, tPHL
Data Propagation Delay
(2,3) through the switch
0.25
1.25
ns
tPZH, tPZL
Switch Turn-on Delay, /1G, /2G to A or B
0.5
5.6
0.5
6.6
ns
tPLZ, tPHZ
Switch Turn-off Delay /1G, /2G to A or B
0.5
4.5
0.5
4.5
ns
Notes:
1.
See test circuits and waveforms.
2.
This parameter is the calculated theoretical RC time constant of ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero source impedance). This time-constant is on the order of 0.25 ns for
VS3244 and 1.25 ns for VS32244. Since this time-constant is much smaller than rise/fall times of typical driving signals, it adds
very little propagation delay to the system.
3.
This parameter is guaranteed, but not production tested.
Figure 5. AC Test Circuit and Switching Waveforms
AC Test Circuit
Load Switch Position
TEST
S1
tPLH, tPHL
Open
tPLZ, tPZL
Closed
tPHZ, tPZH
Open
Input Conditions
Input voltage = 0 V to 3.0 V
tr = tf = 2.5ns (10% to 90%)
Pulse
Generator
DUT
V
IN
V
OUT
C
L
500
RL
S1
7 V
50
Ω=Coax to
Oscilloscope
50
450


Similar Part No. - VS32244QX

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS32245Q VAISH-VS32245Q Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS32245QX VAISH-VS32245QX Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
More results

Similar Description - VS32244QX

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3245 VAISH-VS3245 Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS32X245 VAISH-VS32X245 Datasheet
57Kb / 6P
   High Speed CMOS VSwitch 16-Bit Bus Switches
VS3345 VAISH-VS3345 Datasheet
53Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables
VS3V253 VAISH-VS3V253 Datasheet
63Kb / 6P
   High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
logo
Maxim Integrated Produc...
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
   High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
logo
Integrated Device Techn...
IDTQS32X384 IDT-IDTQS32X384_11 Datasheet
220Kb / 5P
   HIGH-SPEED CMOS 20-BIT BUS SWITCH
IDQS34X245 IDT-IDQS34X245 Datasheet
53Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com