Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JVR14N112K87 Datasheet(PDF) 1 Page - RFE international

Part # JVR14N112K87
Description  METAL OXIDE VARISTOR 14mm Disc
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JVR14N112K87 Datasheet(HTML) 1 Page - RFE international

  JVR14N112K87 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C5BB08
2006.6.06
METAL OXIDE VARISTOR
14mm Disc
1) The clamping voltage from 180M to 680K are tested with current 10A.
For application required ratings not shown, contact RFE application engineering.
£
: Lead Style
Y: vertical kink (standard)
P: straight leads
rr : Lead Length / Packing Method
PULSE RATING CURVES
JVR-14N180M ~ JVR-14N680K
Rectangular Wave (msec.)
20
200
2000
C5BB08
2006.6.06
METAL OXIDE VARISTOR
14mm Disc
1) The clamping voltage from 180M to 680K are tested with current 10A.
For application required ratings not shown, contact RFE application engineering.
£
: Lead Style
Y: vertical kink (standard)
P: straight leads
rr : Lead Length / Packing Method
PULSE RATING CURVES
JVR-14N180M ~ JVR-14N680K
Rectangular Wave (msec.)
20
200
2000
Pulse
1
2
10
100
1,000
10,000
100,000
1,000,000
1000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
1
0.8
0.6
0.4
JVR-14N511K ~ JVR-14N182K
Rectangular Wave (msec.)
20
200
2000
C5BB08
2006.6.06
METAL OXIDE VARISTOR
14mm Disc
1) The clamping voltage from 180M to 680K are tested with current 10A.
For application required ratings not shown, contact RFE application engineering.
£
: Lead Style
Y: vertical kink (standard)
P: straight leads
rr : Lead Length / Packing Method
PULSE RATING CURVES
JVR-14N180M ~ JVR-14N680K
Rectangular Wave (msec.)
20
200
2000
Pulse
1
2
10
100
1,000
10,000
100,000
1,000,000
1000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
1
0.8
0.6
0.4
JVR-14N511K ~ JVR-14N182K
Rectangular Wave (msec.)
20
200
2000
Pulse
1
2
10
100
1,000
10,000
100,000
1,000,000
5,000
4,000
3,000
2,000
1,000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
JVR-14N820K ~ JVR-14N471K
Rectangular Wave (msec.)
20
200
2000
C5BB08
2006.6.06
METAL OXIDE VARISTOR
14mm Disc
1) The clamping voltage from 180M to 680K are tested with current 10A.
For application required ratings not shown, contact RFE application engineering.
£
: Lead Style
Y: vertical kink (standard)
P: straight leads
rr : Lead Length / Packing Method
PULSE RATING CURVES
JVR-14N180M ~ JVR-14N680K
Rectangular Wave (msec.)
20
200
2000
Pulse
1
2
10
100
1,000
10,000
100,000
1,000,000
1000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
1
0.8
0.6
0.4
JVR-14N511K ~ JVR-14N182K
Rectangular Wave (msec.)
20
200
2000
Pulse
1
2
10
100
1,000
10,000
100,000
1,000,000
5,000
4,000
3,000
2,000
1,000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
JVR-14N820K ~ JVR-14N471K
Rectangular Wave (msec.)
20
200
2000
Pulse
1
2
10
100
1,000
10,000
100,000
1,000,000
5,000
4,000
3,000
2,000
1,000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
RoHS
ü
Y Type
(most popular)
P Type
Part
Number
JVR14N180M87£rr
JVR14N220L 87£rr
JVR14N270K87£rr
JVR14N330K87£rr
JVR14N390K87£rr
JVR14N470K87£rr
JVR14N560K87£rr
JVR14N680K87£rr
JVR14N820K87£rr
JVR14N101K78£rr
JVR14N121K87£rr
JVR14N151K87£rr
JVR14N181K87£rr
JVR14N201K87£rr
JVR14N221K87£rr
JVR14N241K87£rr
JVR14N271K87£rr
JVR14N301K87£rr
JVR14N331K87£rr
JVR14N361K87£rr
JVR14N391K87£rr
JVR14N431K87£rr
JVR14N471K87£rr
JVR14N511K87£rr
JVR14N561K87£rr
JVR14N621K87£rr
JVR14N681K87£rr
JVR14N751K87£rr
JVR14N781K87£rr
JVR14N821K87£rr
JVR14N911K87£rr
JVR14N102K87£rr
JVR14N112K87£rr
JVR14N182K87£rr
-
Varistor
Voltage
V@0.1mA
(V)
Tolerance
Range
18
22
27
33
39
47
56
68
82
100
120
150
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
780
820
910
1000
1100
1800
+ 20%
+ 15%
+10%
Maximum
Allowable
Voltage
ACrms
(V)
DC
(V)
11
14
17
20
25
30
35
40
50
60
75
95
115
130
140
150
175
195
210
230
250
275
300
320
350
385
420
460
485
510
550
625
680
1000
14
18
22
26
31
38
45
56
65
85
100
125
150
170
180
200
225
250
275
300
320
350
385
418
460
505
560
615
640
670
745
825
895
1465
Withstanding
Surge
Current
1Time
(A)
2 Times
(A)
1000
4500
500
2500
Rated
Wattage
(W)
0.1
0.6
Maximum
Clamping
Voltage
V@ 5A
(V)
36
43
53
65
77
93
110
135
135
165
200
250
300
340
360
395
455
505
550
595
650
710
775
842
920
1025
1120
1240
1290
1355
1500
1650
1815
2970
l 1)
l
l
l
l
l
l
l
Energy
10/1000
ms
(J)
4.7
5.4
6.9
8.8
9.4
12.0
14.0
17.0
22.0
28.0
32.0
44.0
52.0
57.0
62.0
67.0
79.0
84.0
92.0
104.0
120.0
132.0
140.0
148.0
156.0
164.0
172.0
180.0
184.0
188.0
204.0
224.0
248.0
348.0
UL
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
CSA
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
VDE
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - JVR14N112K87

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVR14N112K ETC-JVR14N112K Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results

Similar Description - JVR14N112K87

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR10N180M87 RFE-JVR10N180M87 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 10mm Disc
JVR-20N180M RFE-JVR-20N180M Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR07N180M65 RFE-JVR07N180M65 Datasheet
127Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
RFE international
JVR05N180M65Y RFE-JVR05N180M65Y Datasheet
111Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc
JVR14U201K87 RFE-JVR14U201K87 Datasheet
395Kb / 1P
   METAL OXIDE VARISTOR Ultra High Surge 14mm & 20mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com