Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS3257Q Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part # VS3257Q
Description  Quad 2:1 Mux/Demux VSwitch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS3257Q Datasheet(HTML) 5 Page - Vaishali Semiconductor

  VS3257Q Datasheet HTML 1Page - Vaishali Semiconductor VS3257Q Datasheet HTML 2Page - Vaishali Semiconductor VS3257Q Datasheet HTML 3Page - Vaishali Semiconductor VS3257Q Datasheet HTML 4Page - Vaishali Semiconductor VS3257Q Datasheet HTML 5Page - Vaishali Semiconductor VS3257Q Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VS3257/VS32257
2001-04-12
Page 5
MDSS-0009-01
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 8. Switching Characteristics Over Operating Range
TA = -40
oC to +85oC, V
CC = 5.0V + 10
%
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise stated.
Symbol
Description
(1)
VS3257
Min
(3)
Max
VS32257
Min
(3)
Max
Units
tPLH, tPHL
Data Propagation Delay
(2,3) through the switch
0.25
1.25
ns
tPZH, tPZL
Switch Turn-on Delay, S to YX, I0X, or I1X
0.5
5.2
0.5
6.2
ns
tPZH, tPZL
Switch Turn-on Delay, /E to YX, I0X, or I1X
0.5
4.8
0.5
5.8
ns
tPLZ, tPHZ
Switch Turn-off Delay
(3), S or /E to YX, I0X, or I1X
0.5
5.0
0.5
5.0
ns
Notes:
1.
See test circuits and waveforms.
2.
This parameter is the calculated theoretical RC time constant of ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero source impedance). This time-constant is on the order of 0.25 ns for
VS3257 and 1.25 ns for VS32257. Since this time-constant is much smaller than rise/fall times of typical driving signals, it adds
very little propagation delay to the system.
3.
This parameter is guaranteed, but not production tested.
Figure 6. AC Test Circuit and Switching Waveforms
AC Test Circuit
Load Switch Position
TEST
S1
tPLH, tPHL
Open
tPLZ, tPZL
Closed
tPHZ, tPZH
Open
Input Conditions
Input voltage = 0 V to 3.0 V
tr = tf = 2.5ns (10% to 90%)
Pulse
Generator
DUT
V
IN
V
OUT
C
L
500
RL
S1
7 V
50
Ω=Coax to
Oscilloscope
50
450


Similar Part No. - VS3257Q

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
VS3207AT DOINGTER-VS3207AT Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Vaishali Semiconductor
VS32244Q VAISH-VS32244Q Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS32244QX VAISH-VS32244QX Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS32245Q VAISH-VS32245Q Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS32245QX VAISH-VS32245QX Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
More results

Similar Description - VS3257Q

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3V257 VAISH-VS3V257 Datasheet
60Kb / 6P
   High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
   Quad 2 1 Mux/DeMux BusSwitch
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
   Quad 2:1 MUX/DEMUX BusSwitch
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com