Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JVR05N271K65P Datasheet(PDF) 1 Page - RFE international

Part # JVR05N271K65P
Description  METAL OXIDE VARISTOR 5mm Disc
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JVR05N271K65P Datasheet(HTML) 1 Page - RFE international

  JVR05N271K65P Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C5BB01
REV 2006.6.05
METAL OXIDE VARISTOR
5mm Disc
5 f JVR VARISTOR
1) The clamping voltage from 180M to 680K are tested with current 1A.
For application required ratings not shown, contact RFE application engineering.
£
: Lead Style
Y: vertical kink (standard)
P: straight leads
rr : Lead Length / Packing Method
PULSE RATING CURVES
JVR-05N180M ~ JVR-05N680K
Rectangular Wave (msec.)
100
10
1
.1
20
200
2000
C5BB01
REV 2006.6.05
METAL OXIDE VARISTOR
5mm Disc
5 f JVR VARISTOR
1) The clamping voltage from 180M to 680K are tested with current 1A.
For application required ratings not shown, contact RFE application engineering.
£
: Lead Style
Y: vertical kink (standard)
P: straight leads
rr : Lead Length / Packing Method
PULSE RATING CURVES
JVR-05N180M ~ JVR-05N680K
Rectangular Wave (msec.)
100
10
1
.1
20
200
2000
Pulse
1
2
10
100
1,000
10,000
100,000
1,000,000
Rectangular Wave (msec.)
JVR-05N820K ~ JVR-05N751K
100
10
1
20
200
2000
C5BB01
REV 2006.6.05
METAL OXIDE VARISTOR
5mm Disc
5 f JVR VARISTOR
1) The clamping voltage from 180M to 680K are tested with current 1A.
For application required ratings not shown, contact RFE application engineering.
£
: Lead Style
Y: vertical kink (standard)
P: straight leads
rr : Lead Length / Packing Method
PULSE RATING CURVES
JVR-05N180M ~ JVR-05N680K
Rectangular Wave (msec.)
100
10
1
.1
20
200
2000
Pulse
1
2
10
100
1,000
10,000
100,000
1,000,000
Rectangular Wave (msec.)
JVR-05N820K ~ JVR-05N751K
100
10
1
20
200
2000
Pulse
1
2
10
100
1,000
10,000
100,000
1,000,000
RoHS
ü
Part
Number
JVR05N180M65£rr
JVR05N220L 65£rr
JVR05N270K65£rr
JVR05N330K65£rr
JVR05N390K65£rr
JVR05N470K65£rr
JVR05N560K65£rr
JVR05N680K65£rr
JVR05N820K65£rr
JVR05N101K65£rr
JVR05N121K65£rr
JVR05N151K65£rr
JVR05N181K65£rr
JVR05N201K65£rr
JVR05N221K65£rr
JVR05N241K65£rr
JVR05N271K65£rr
JVR05N301K65£rr
JVR05N331K65£rr
JVR05N361K65£rr
JVR05N391K65£rr
JVR05N431K65£rr
JVR05N471K65£rr
JVR05N511K65£rr
JVR05N561K65£rr
JVR05N621K65£rr
JVR05N681K65£rr
JVR05N751K65£rr
-
Varistor
Voltage
V@0.1mA
(V)
Tolerance
Range
18
22
27
33
39
47
56
68
82
100
120
150
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
+ 20%
+ 15%
+10%
Maximum
Allowable
Voltage
ACrms
(V)
DC
(V)
11
14
17
20
25
30
35
40
50
60
75
95
115
130
140
150
175
195
210
230
250
275
300
320
350
385
420
460
14
18
22
26
31
38
45
56
65
85
100
125
150
170
180
200
225
250
275
300
320
350
385
418
460
505
560
615
Withstanding
Surge
Current
1Time
(A)
2 Times
(A)
100
400
50
200
Rated
Wattage
(W)
0.01
0.1
Maximum
Clamping
Voltage
V@ 5A
(V)
40
48
60
73
86
104
123
150
145
175
210
260
320
355
380
415
475
525
575
620
675
745
810
880
940
1050
1150
1290
l 1)
l
l
l
l
l
l
l
Energy
10/1000
ms
(J)
0.6
0.7
0.9
1.1
1.2
1.5
1.8
2.1
2.8
3.5
4.0
5.5
6.5
7.1
7.8
8.4
9.9
10.5
11.5
13.0
15.0
16.5
17.5
18.5
19.5
20.5
21.5
22.5
UL
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
CSA
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
VDE
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
Y Type
(most popular)
P Type
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - JVR05N271K65P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVR05N271K ETC-JVR05N271K Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results

Similar Description - JVR05N271K65P

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR05S180M65 RFE-JVR05S180M65 Datasheet
113Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc HIGH SURGE
JVR10N180M87 RFE-JVR10N180M87 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 10mm Disc
JVR-20N180M RFE-JVR-20N180M Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR07N180M65 RFE-JVR07N180M65 Datasheet
127Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
RFE international
JVR14N180M87 RFE-JVR14N180M87 Datasheet
129Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com