Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JVR14U221K87Y Datasheet(PDF) 1 Page - RFE international

Part # JVR14U221K87Y
Description  METAL OXIDE VARISTOR Ultra High Surge 14mm & 20mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JVR14U221K87Y Datasheet(HTML) 1 Page - RFE international

  JVR14U221K87Y Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C5BB14
2006.4.27
METAL OXIDE VARISTOR
Ultra High Surge 14mm & 20mm
RATING AND CHARACTERISTICS - 14mm
RATING AND CHARACTERISTICS - 20mm
¨ = Lead Style ( Y=Vertical kink, P=Straight)
ÄÄ = Lead Length & Packaging
DC
(V)
170
180
200
Maximum
Allowable
Voltage
Acrms
(V)
130
140
150
Part
Number
JVR14U201K87¨ÄÄ
JVR14U221K87¨ÄÄ
JVR14U241K87¨ÄÄ
Varistor
Voltage
Tolerance
Range
+ 10%
200
220
240
DC
(V)
Rated
Wattage
(W)
0.6
Energy
10/1000
ms
(J)
84
93
101
UL
ü
ü
ü
CSA
ü
ü
ü
Withstanding
Surge Current
8/20mS
1 Time
(A)
6500
2 Times
(A)
6000
Maximum
Clamping
Voltage
V 50A
(V)
340
360
395
DC
(V)
170
180
200
Maximum
Allowable
Voltage
Acrms
(V)
130
140
150
Part
Number
JVR20U201K11¨ÄÄ
JVR20U221K11¨ÄÄ
JVR20U241K11¨ÄÄ
Varistor
Voltage
Tolerance
Range
+ 10%
200
220
240
DC
(V)
Rated
Wattage
(W)
1.0
Energy
10/1000
ms
(J)
168
186
202
UL
ü
ü
ü
CSA
ü
ü
ü
Withstanding
Surge Current
8/20mS
1 Time
(A)
12500
2 Times
(A)
10000
Maximum
Clamping
Voltage
V 100A
(V)
340
360
395
PULSE RATING & VI CURVES
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - JVR14U221K87Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVR14U221K ETC-JVR14U221K Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results

Similar Description - JVR14U221K87Y

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
JVR14N180M87 RFE-JVR14N180M87 Datasheet
129Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc
JVR-20N180M RFE-JVR-20N180M Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR07S180M65 RFE-JVR07S180M65 Datasheet
112Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc HIGH SURGE
JVR05S180M65 RFE-JVR05S180M65 Datasheet
113Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc HIGH SURGE
JVR-40N201K RFE-JVR-40N201K Datasheet
104Kb / 1P
   METAL OXIDE VARISTOR 40mm, Large Size, High Surge
JVR-25N180LPU5L RFE-JVR-25N180LPU5L Datasheet
118Kb / 2P
   METAL OXIDE VARISTOR 25mm, Large Size, High Surge
JVR-32N201K RFE-JVR-32N201K Datasheet
95Kb / 1P
   METAL OXIDE VARISTOR 32mm, Large Size, High Surge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com