Part Name
         Description
JMV0805S140T381

 MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection) ( 6 Page)


RFE
100% 
Zoom Out Zoom In
   
 5 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
ELECTRICAL CHARACTERISTICS
RoHS
ü
MULTILAYER CHIP VARISTOR
JMV S & E Series: (SMD Surge Protection)
Working
Voltage
(Vw)
Breakdown
Voltage (Vb)
Clamping
Voltage
(Vc)
Peak Current
(Ip)
Transient
Energy (Et)
Volt
Volt
Volt
Amp
Joule
<50µA
1mA (DC)
1A, 8/20 s
8/20 s
10/1000 s
1kHz
1MHz
JMV1206S5R6T152
5.6
6.4~9.6
19.0
150
1.0
1500
-
JMV1206S120T801
12.0
14.0~18.3
34.0
150
0.6
800
-
JMV1206S140T401
14.0
16.2~19.8
37.0
100
0.3
400
-
JMV1206S140T801
14.0
16.2~19.8
37.0
200
0.5
800
-
JMV1206S160T132
16.0
19.8~24.2
40.0
200
1.0
1300
-
JMV1206S180T132
18.0
21.6~26.0
46.0
200
1.0
1300
-
JMV1206S180T901
18.0
21.6~26.0
46.0
100
0.3
900
-
JMV1206S260T901
26.0
31.0~38.0
62.0
200
1.0
900
-
JMV1206S300T201
30.0
37.0~46.0
73.0
100
1.0
200
-
JMV1206S300T401
30.0
37.0~46.0
73.0
100
0.3
400
-
JMV1206S300T501
30.0
37.0~46.0
73.0
200
0.3
500
-
JMV1206S330T551
33.0
39.0~47.0
75.0
180
1.0
550
-
JMV1206S450T551
45.0
50.4~61.6
95.0
100
0.8
550
-
JMV1206S480T251
48.0
55.8~68.2
100.0
100
0.8
250
-
JMV1206S560T101
56.0
61.0~77.0
120.0
100
0.3
100
-
JMV1206S560T381
56.0
61.0~77.0
120.0
180
1.0
380
-
JMV1206S650T241
65.0
73.8~90.2
135.0
100
0.6
240
-
1206 Size
Part Number
Typical
Capactance
(C)
pF
Working
Voltage
(Vw)
Breakdown
Voltage (Vb)
Clamping
Voltage
(Vc)
Peak Current
(Ip)
Transient
Energy (Et)
Volt
Volt
Volt
Amp
Joule
<50µA
1mA (DC)
1A, 8/20 s
8/20 s
10/1000 s
1kHz
1MHz
JMV1210S180T202
18.0
21.6~26.0
46 @ 2.5A
400
1.5
2000
-
JMV1210S220T182
22.0
24.3~29.7
52 @ 2.5A
400
1.7
1800
-
JMV1210S260T112
26.0
31.0~38.0
62 @ 2.5A
250
1.2
1100
-
JMV1210S260T152
26.0
31.0~38.0
62 @ 2.5A
400
1.9
1500
-
JMV1210S300T901
30.0
37.0~46.0
77 @ 2.6A
250
1.7
900
JMV1210S300T122
30.0
37.0~46.0
77 @ 2.7A
400
1.9
1200
JMV1210S450T951
45.0
50.4~61.6
95 @ 2.5A
250
202
950
-
1210 Size
Part Number
Typical
Capactance
(C)
pF
Working
Voltage
(Vw)
Breakdown
Voltage (Vb)
Clamping
Voltage
(Vc)
Peak Current
(Ip)
Transient
Energy (Et)
Volt
Volt
Volt
Amp
Joule
<50µA
1mA (DC)
1A, 8/20 s
8/20 s
10/1000 s
1kHz
1MHz
JMV1812S220T352
22.0
24.3~29.7
52 @ 5A
500
2
3500
-
JVM1812S220T402
22.0
24.3~29.7
52 @ 5A
800
2.7
4000
-
JMV1812S260T282
26.0
31.0~38.0
62 @ 5A
500
2.5
2800
-
JMV1812S260T302
26.0
31.0~38.0
62 @ 5A
800
3
3000
-
JMV1812S300T252
30.0
37.0~46.0
77 @ 5A
800
3.7
2500
-
JMV1812S380T202
38.0
42.3~51.7
88 @ 5A
800
4.2
2000
-
1812 Size
Part Number
Typical
Capactance
(C)
pF
Working
Voltage
(Vw)
Breakdown
Voltage (Vb)
Clamping
Voltage
(Vc)
Peak Current
(Ip)
Transient
Energy (Et)
Volt
Volt
Volt
Amp
Joule
<50µA
1mA (DC)
1A, 8/20 s
8/20 s
10/1000 s
1kHz
1MHz
JMV2220S5R6T203
5.6
6.4~9.6
19 @ 10A
1200
1.4
20000
-
JMV2220S180T153
18.0
21.6~26.0
56 @ 11A
1200
5.8
15000
-
JMV2220S300T502
30.0
37.0~46.0
65 @ 10A
1200
9.6
5000
-
JMV2220S380T402
38.0
42.3~51.7
77 @ 10A
1200
12
4000
-
2220 Size
Part Number
Typical
Capactance
(C)
pF
2008.3.18
C5BC02



Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl