Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JVR10N201K87 Datasheet(PDF) 1 Page - RFE international

Part # JVR10N201K87
Description  METAL OXIDE VARISTOR 10mm Disc
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JVR10N201K87 Datasheet(HTML) 1 Page - RFE international

  JVR10N201K87 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C5BB06
2007.7.27
METAL OXIDE VARISTOR
10mm Disc
1) The clamping voltage from 180M to 680K are tested with current 5A.
For application required ratings not shown, contact RFE application engineering.
£
: Lead Style
Y: vertical kink (standard)
P: straight leads
rr : Lead Length / Packing Method
PULSE RATING CURVES
JVR-10N561K~JVR-10N182K
3,000
2,000
1,000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
1
JVR-10N820K~JVR-10N511K
3,000
2,000
1,000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
1
JVR-10N180M~JVR-10N680K
500
400
200
100
80
60
40
20
10
8
6
4
2
1
0.8
0.6
0.4
2
RoHS
ü
Y Type
(most popular)
P Type
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Maximum
Clamping
Voltage
Acrms
DC
1x
2x's
(V)
(V)
(A)
(A)
(W)
(J)
JVR10N180M87orr
11
14
18
+20%
" 36
2.4
JVR10N220L87orr
14
18
22
+15%
" 43
2.7
JVR10N270K87orr
17
22
27
" 53
3.5
JVR10N330K87orr
20
26
33
" 65
4.4
JVR10N390K87orr
25
31
39
" 77
4.7
JVR10N470K87orr
30
38
47
" 93
6.0
JVR10N560K87orr
35
45
56
" 110
7.0
JVR10N680K87orr
40
56
68
" 135
8.5
JVR10N820K87orr
50
65
82
135
11.0
JVR10N101K87orr
60
85
100
165
14.0
JVR10N121K87orr
75
100
120
200
16.0
JVR10N151K87orr
95
125
150
250
22.0
JVR10N181K87orr
115
150
180
300
26.0
JVR10N201K87orr
130
170
200
340
28.5
JVR10N221K87orr
140
180
220
360
31.0
JVR10N241K87orr
150
200
240
395
33.5
JVR10N271K87orr
175
225
270
455
39.5
JVR10N301K87orr
195
250
300
505
42.0
JVR10N331K87orr
210
275
330
550
46.0
JVR10N361K87orr
230
300
360
595
52.0
JVR10N391K87orr
250
320
390
650
60.0
JVR10N431K87orr
275
350
430
710
66.0
JVR10N471K87orr
300
385
470
775
70.0
JVR10N511K87orr
320
418
510
842
74.0
JVR10N561K87orr
350
460
560
920
78.0
JVR10N621K87orr
385
505
620
1025
82.0
JVR10N681K87orr
420
560
680
1120
86.0
JVR10N751K87orr
460
615
750
1240
90.0
JVR10N781K87orr
485
640
780
1290
92.0
JVR10N821K87orr
510
670
820
1355
94.0
JVR10N911K87orr
550
745
910
1500
102.0
JVR10N102K87orr
625
825
1000
1650
112.0
JVR10N112K87orr
680
895
1100
1815
124.0
JVR10N182K87orr
1,000
1,465
1800
2970
174.0
VDE
Tolerance
Range
V@ 5A
(V)
Energy
10/1000
S
Rated
Wattage
0.05
2500
1250
0.4
+10%
Withstanding
Surge current
500
250
CSA
UL
Varistor Voltage
V@0.1mA
Part Number
Maximum
Allowable Voltage
(V)
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü


Similar Part No. - JVR10N201K87

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVR10N201K ETC-JVR10N201K Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results

Similar Description - JVR10N201K87

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR-20N180M RFE-JVR-20N180M Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR07N180M65 RFE-JVR07N180M65 Datasheet
127Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
RFE international
JVR05N180M65Y RFE-JVR05N180M65Y Datasheet
111Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc
JVR14N180M87 RFE-JVR14N180M87 Datasheet
129Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com