Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HQZN225W-10R-J-HS Datasheet(PDF) 1 Page - RFE international

Part # HQZN225W-10R-J-HS
Description  HIGH POWER WIRE WOUND RESISTOR HZ HQZ Series: Flat Type, Non-Flammable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

HQZN225W-10R-J-HS Datasheet(HTML) 1 Page - RFE international

  HQZN225W-10R-J-HS Datasheet HTML 1Page - RFE international HQZN225W-10R-J-HS Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A type : Fixed Resistor
N type : Non-inductively wound
Hardware: HS = Screw
HP = Press in Bracket
HX = Special
Omit = No Hardware
HIGH POWER WIRE WOUND RESISTOR
HZ HQZ Series: Flat Type, Non-Flammable
C2E03
REV 2002.02.07
PART NUMBER EXAMPLE
SPECIFICATIONS
• Non-Flammable
• Low Resistance
• HZ - Wire Wound
• HQZ - Ribbon Winding
FEATURES
Dimensions (m/m)
HZ
Power Rating
Watts
A±2 B±2 C±2 D±2 E±1
F±1 G±1 H±1
I±1
80W
121.5 140
157
170
28
46
14
10
21.5
120W
100W
141.5 160
177
190
28
46
14
10
21.5
150W
120W
166.5 185
202
215
28
46
14
10
21.5
180W
150W
166.5 185
202
215
35
50
14
10
21.5
225W
200W
191.5 210
227
240
35
50
14
10
21.5
300W
250W
235.5 254
271
284
35
50
14
10
21.5
375W
300W
281.5 300
317
330
35
50
14
10
21.5
450W
Resistance Range
Ohms
HQZ
0.1
~ 50K
0.1
~ 70K
0.1
~ 80K
0.1
~ 100K
0.1
~ 140K
0.1
~ 170K
0.1
~ 200K
J=5%, K=10%
Series
Hardware
Type
Tolerance
Wattage
HZ A 80W-10R-J-HP
Resistance
R5.0
14.0
43.0
f5.0
A
B
C
D
E
F
G
H
I
8.5
* Wattages under 80 watts are available. Contact RFE International, Inc. for details.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Description - HQZN225W-10R-J-HS

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
RFE international
HRWA10W-10R-J-HS RFE-HRWA10W-10R-J-HS Datasheet
117Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HRW Series: Non-Flammable, Wire Wound
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS Datasheet
126Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HQ Series: Non-Flammable, Low Resistance
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
TE Connectivity Ltd
C-1879448 TEC-C-1879448 Datasheet
172Kb / 1P
   HIGH POWER WIRE WOUND RESISTOR TYPE TE300 SERIES
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.17
logo
TE Connectivity Ltd
9-1773453-2 TEC-9-1773453-2 Datasheet
286Kb / 5P
   High Power Wire Wound Resistor
logo
RFE international
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS_V01 Datasheet
595Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com