Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMV0402C050T271 Datasheet(PDF) 2 Page - RFE international

Part # JMV0402C050T271
Description  MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JMV0402C050T271 Datasheet(HTML) 2 Page - RFE international

  JMV0402C050T271 Datasheet HTML 1Page - RFE international JMV0402C050T271 Datasheet HTML 2Page - RFE international JMV0402C050T271 Datasheet HTML 3Page - RFE international JMV0402C050T271 Datasheet HTML 4Page - RFE international JMV0402C050T271 Datasheet HTML 5Page - RFE international JMV0402C050T271 Datasheet HTML 6Page - RFE international JMV0402C050T271 Datasheet HTML 7Page - RFE international JMV0402C050T271 Datasheet HTML 8Page - RFE international JMV0402C050T271 Datasheet HTML 9Page - RFE international Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TAPE SPECIFICATIONS
REEL SPECIFICATIONS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
Dimensions
mm
PACKAGING
Carrier Tape: Polystyrene
Cover Tape: Polystyrene
MULTILAYER CHIP VARISTOR
JMV C Series: (SMD ESD & EMI MOV)
Size
A + 0.1 B + 0.1 P + 0.1 K (max) T (max)
0402
0.6
1.10
2.0
0.2
1.0
0603
1.1
1.75
4.0
0.2
1.15
0805
1.5
2.30
4.0
0.2
2.5
Dimensions
mm
Size
A
B
C D
0402 178 60 10 2
0603 178 60 10 2
0805 178 60 10 2
Size
Pcs/RL
0402
10000
0603
4000
C5BC01
2008.3.26


Similar Part No. - JMV0402C050T271

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0402E200T220 RFE-JMV0402E200T220 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
JMV0402E270T150 RFE-JMV0402E270T150 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
JMV0402E270T300 RFE-JMV0402E270T300 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
JMV0402E520T030 RFE-JMV0402E520T030 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
JMV0402S090T201 RFE-JMV0402S090T201 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
More results

Similar Description - JMV0402C050T271

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402 ABRACON-AMCV-0402 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1206H ABRACON-AMCV-1206H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.22.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603-180 ABRACON-AMCV-0603-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com