Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW32253R3K Datasheet(PDF) 1 Page - RFE international

Part # IW32253R3K
Description  SURFACE MOUNT INDUCTORS IW3225 Series: 1210 Wirewound
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

IW32253R3K Datasheet(HTML) 1 Page - RFE international

  IW32253R3K Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C4BC01
FEATURE
SURFACE MOUNT INDUCTORS
IW3225 Series: 1210 Wirewound
Size 1210 Height 2.2mm
These products are produced by winding
wire on a ferite core and then packaging the
winding in a Epoxy case.
Size in mm
Q
TEST
SRF
DC
RATED
INDUCTANCE TOLER-
(min)
FREQUENCY (MHz)
RESISTANCE CURRENT
mH
ANCE
(MHz)
min
W(max)
mA(max)
IW3225R12M
0.12
±20%
30
25.2
500
0.22
450
IW3225R15M
0.15
±20%
30
25.2
450
0.25
450
IW3225R18M
0.18
±20%
30
25.2
400
0.28
450
IW3225R22M
0.22
±20%
30
25.2
350
0.32
450
IW3225R27M
0.27
±20%
30
25.2
320
0.36
450
IW3225R33M
0.33
±20%
30
25.2
300
0.40
450
IW3225R39M
0.39
±20%
30
25.2
250
0.45
450
IW3225R47M
0.47
±20%
30
25.2
220
0.50
450
IW3225R56M
0.56
±20%
30
25.2
180
0.55
450
IW3225R68M
0.68
±20%
30
25.2
160
0.60
450
IW3225R82M
0.82
±20%
30
25.2
140
0.65
450
IW32251R0M
1.0
±20%
30
7.96
120
0.70
400
IW32251R2M
1.2
±20%
30
7.96
100
0.75
390
IW32251R5M
1.5
±20%
30
7.96
85
0.85
370
IW32251R8M
1.8
±20%
30
7.96
80
0.90
350
IW32252R2M
2.2
±20%
30
7.96
75
1.00
320
IW32252R7M
2.7
±20%
30
7.96
70
1.10
290
IW32253R3K
3.3
±10%
30
7.96
60
1.20
260
IW32253R9K
3.9
±10%
30
7.96
55
1.30
250
IW32254R7K
4.7
±10%
30
7.96
50
1.50
220
IW32255R6K
5.6
±10%
30
7.96
47
1.60
200
IW32256R8K
6.8
±10%
30
7.96
43
1.80
180
IW32258R2K
8.2
±10%
30
7.96
40
2.00
170
IW3225100K
10.0
±10%
30
2.52
36
2.10
150
IW3225120K
12.0
±10%
30
2.52
33
2.50
140
IW3225150K
15.0
±10%
30
2.52
28
2.80
130
IW3225180K
18.0
±10%
30
2.52
25
3.30
120
IW3225220K
22.0
±10%
30
2.52
23
3.70
110
IW3225270K
27.0
±10%
30
2.52
18
5.00
80
IW3225330K
33.0
±10%
30
2.52
17
5.60
70
IW3225390K
39.0
±10%
30
2.52
16
6.40
65
IW3225470K
47.0
±10%
30
2.52
15
7.00
60
IW3225560K
56.0
±10%
30
2.52
13
8.00
55
IW3225680K
68.0
±10%
30
2.52
12
9.00
50
IW3225820K
82.0
±10%
30
2.52
11
10.00
45
IW3225101K
100.0
±10%
20
0.796
10
11.00
40
IW3225121K
120.0
±10%
20
0.796
10
12.00
70
IW3225151K
150.0
±10%
20
0.796
8
15.00
65
IW3225181K
180.0
±10%
20
0.796
7
17.00
60
IW3225221K
220.0
±10%
20
0.796
7
21.00
50
TYPE
Performance curves are on page C4BC03.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - IW32253R3K

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW337 DIALOG-IW337 Datasheet
319Kb / 5P
   Signal Interface Controller for Analog
iW337-00 DIALOG-iW337-00 Datasheet
319Kb / 5P
   Signal Interface Controller for Analog
iW337-30 DIALOG-iW337-30 Datasheet
319Kb / 5P
   Signal Interface Controller for Analog
IW338 DIALOG-IW338 Datasheet
310Kb / 5P
   PWM Generator
iW338-10 DIALOG-iW338-10 Datasheet
310Kb / 5P
   PWM Generator
More results

Similar Description - IW32253R3K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_12 Datasheet
86Kb / 3P
   Wirewound, Surface Mount Inductors
Revision: 24-Feb-11
logo
API Delevan
0402-3N3K API-0402-3N3K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-3N6K API-0402-3N6K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-6N2K API-0402-6N2K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-7N5K API-0402-7N5K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_17 Datasheet
90Kb / 3P
   Wirewound, Surface Mount Inductors
Revision: 24-Feb-11
IMC-0603-01 VISHAY-IMC-0603-01_17 Datasheet
128Kb / 3P
   Wirewound, Surface Mount Inductors
Revision: 25-Feb-15
logo
API Delevan
0402-1N0K API-0402-1N0K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0603-1N6J API-0603-1N6J Datasheet
25Kb / 1P
   Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0603-01 VISHAY-IMC-0603-01_V01 Datasheet
111Kb / 3P
   Wirewound, Surface Mount Inductors
01-Jan-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com