Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER156 Datasheet(PDF) 1 Page - RFE international

Part # HER156
Description  LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

HER156 Datasheet(HTML) 1 Page - RFE international

  HER156 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C3CA03
SUPER FAST RECTIFIERS
Operating Temperature: -65°C to 125°C
RF
Cross
Max Avg.
Peak
Peak Fwd Surge
Max Forward
Package
Outline
Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25°C
(Max in inches)
Current
Voltage
Superimposed
@ Rated IO
IO(A)
PIV(V)
IFSM(A)
VFM(V)
Reverse
Recovery Time
@ Rated PIV
TRR(ns)
Bulk/Reel
SF 11
1.0 A
50
30
0.950
1000/5000
Max Reverse
Current @ 25°C
@ Rated PIV
IR(mA)
SF 12
1.0 A
100
30
0.950
1000/5000
SF 13
1.0 A
150
30
0.950
1000/5000
SF 14
1.0 A
200
30
0.950
1000/5000
SF 15
1.0 A
300
30
1.300
1000/5000
SF 16
1.0 A
400
30
1.300
1000/5000
SF21
2.0 A
50
50
0.950
500/4000
SF22
2.0 A
100
50
0.950
500/4000
SF23
2.0 A
150
50
0.950
500/4000
SF24
2.0 A
200
50
0.950
500/4000
SF25
2.0 A
300
50
1.300
500/4000
SF26
2.0 A
400
50
1.300
500/4000
SF31
3.0 A
50
125
0.950
500/1250
SF32
3.0 A
100
125
0.950
500/1250
SF33
3.0 A
150
125
0.950
500/1250
SF34
3.0 A
200
125
0.950
500/1250
SF35
3.0 A
300
125
1.300
500/1250
SF36
3.0 A
400
125
1.300
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
500/1250
DO-41
DO-15
DO-201AD
LEADED (THRU-HOLE)
High Efficiency & Super Fast Rectifiers
HIGH EFFICIENCY RECTIFIERS
Operating Temperature: -65°C to 125°C
RF
Cross
Max Avg.
Peak
Peak Fwd Surge
Max Forward
Reverse
Max Reverse
Package
Outline
Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25°C Recovery Time Current @ 25°C
(Max in inches)
Current
Voltage
Superimposed
@ Rated IO
@ Rated PIV
@ Rated PIV
IO(A)
PIV(V)
IFSM(A)
VFM(V)
TRR(ns)
IR(mA)
Bulk/Reel
HER101
UF4001
1.0 A
50
30
1.0
1000/5000
HER102
UF4002
1.0 A
100
30
1.0
1000/5000
HER103
UF4003
1.0 A
200
30
1.0
1000/5000
HER104
UF4004
1.0 A
300
30
1.0
1000/5000
HER105
1.0 A
400
30
1.3
1000/5000
HER106
UF4005
1.0 A
600
30
1.7
1000/5000
HER107
UF4006
1.0 A
800
30
1.7
1000/5000
HER151
1.5 A
50
50
1.0
500/4000
HER152
1.5 A
100
50
1.0
500/4000
HER153
1.5 A
200
50
1.0
500/4000
HER154
1.5 A
300
50
1.0
500/4000
HER155
1.5 A
400
50
1.3
500/4000
HER156
1.5 A
600
50
1.7
500/4000
HER157
1.5 A
800
50
1.7
500/4000
HER301
UF5400
3.0 A
50
150
1.0
500/1200
HER302
UF5401
3.0 A
100
150
1.0
500/1200
HER303
UF5402
3.0 A
200
150
1.0
500/1200
HER304
UF5403
3.0 A
300
150
1.0
500/1200
HER305
UF5404
3.0 A
400
150
1.3
500/1200
HER306
UF5406
3.0 A
600
150
1.7
500/1200
HER307
UF5407
3.0 A
800
150
1.7
500/1200
HER601
6.0 A
50
200
1.0
200/500
HER602
6.0 A
100
200
1.0
200/500
HER603
6.0 A
200
200
1.0
200/500
HER604
6.0 A
300
200
1.0
200/500
HER605
6.0 A
400
200
1.3
200/500
HER606
6.0 A
600
200
1.7
200/500
HER607
6.0 A
800
200
1.7
200/500
HERA801G
8.0 A
50
125
1.3
50/Tube
HERA802G
8.0 A
100
125
1.3
50/Tube
HERA803G
8.0 A
200
125
1.3
50/Tube
HERA804G
8.0 A
300
125
1.3
50/Tube
HERA805G
8.0 A
400
125
1.3
50/Tube
HERA806G
8.0 A
600
125
1.5
50/Tube
HERA807G
8.0 A
800
125
1.5
50/Tube
HERA1601G
16.0 A
50
250
1.3
50/Tube
HERA1602G
16.0 A
100
250
1.3
50/Tube
HERA1603G
16.0 A
200
250
1.3
50/Tube
HERA1604G
16.0 A
300
250
1.3
50/Tube
HERA1605G
16.0 A
400
250
1.3
50/Tube
HERA1606G
16.0 A
600
250
1.5
50/Tube
HERA1607G
16.0 A
800
250
1.5
50/Tube
HER1601G
16.0 A
50
125
1.3
50/Tube
HER1602G
16.0 A
100
125
1.3
50/Tube
HER1603G
16.0 A
200
125
1.3
50/Tube
HER1604G
16.0 A
300
125
1.3
50/Tube
HER1605G
16.0 A
400
125
1.3
50/Tube
HER1606G
16.0 A
600
125
1.5
50/Tube
HER1607G
16.0 A
800
125
1.5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
50
50
50
50
50
70
70
50
50
50
50
50
80
80
50
50
50
50
50
75
75
60
60
60
60
60
75
75
50
50
50
50
50
80
80
50
50
50
50
50
80
80
50
50
50
50
50
80
80
50/Tube
DO-41
DO-15
DO-201AD
R-6
.360
TO-220A
TO-220
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - HER156

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
HER156 CTC-HER156 Datasheet
86Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
HER156 WTE-HER156 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER156 DGNJDZ-HER156 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER156 TSC-HER156 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
SAMYANG ELECTRONICS CO....
HER156 SAMYANG-HER156 Datasheet
511Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER156

ManufacturerPart #DatasheetDescription
logo
RFE international
SF61 RFE-SF61 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
GP02-25 RFE-GP02-25 Datasheet
78Kb / 1P
   LEADED (THRU-HOLE) High Voltage Rectifiers
10A05 RFE-10A05 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
FR02-25 RFE-FR02-25 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF21 FORMOSA-SF21_17 Datasheet
152Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51 FORMOSA-SF51_17 Datasheet
119Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF21G FORMOSA-SF21G Datasheet
104Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51G FORMOSA-SF51G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com