Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNT104K2G Datasheet(PDF) 1 Page - RFE international

Part # PNT104K2G
Description  POLYPROPYLENE FILM CAPACITORS PNT Series: Axial Leaded Tubular
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

PNT104K2G Datasheet(HTML) 1 Page - RFE international

  PNT104K2G Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C1DD04
REV 2001.10.16
POLYPROPYLENE FILM CAPACITORS
PNT Series: Axial Leaded Tubular
PNT Series are constructed with polypropylene film
dielectric, aluminum foil electrode, copperply lead,
outer wrapping with polyester film tape and ends
sealed by epoxy resin. They are ideal for use in
communication & industrial electronics as precision
timing & oscillating circuits, signal coupling and
bypass circuits.
INTRODUCTION
FEATURES
•Excellent
High reliability
•Negative temperature coefficient can be used in
critical circuits.
long term stability and
SPECIFICATIONS
DIMENSIONS in mm
Type
Performance
Operating Temperature Range
-40°C ~ +85°C
Capacitance Range
0.001
~ 0.47
Capacitance Tolerance
±5% (J), ±10% (K), ±20% (M)
Rated Voltage
100, 250, 400 & 630VDC
Dissipation Factor
0.1% max at 1KHz, 25°C
Insulation Resistance
>30,000MW (C<0.1mF)
x
>3,000MW mF (C>0.1mF)
PART NUMBER EXAMPLE
PNT 104 K 2G
PNT
F
Code OD
L
d
OD
L
d
OD
L
d
OD
L
d
0.0010
102
5.0 14.0 0.6 5.0 14.0 0.6 5.0 14.0 0.6 5.0 14.0 0.6
0.0015
152
5.0 14.0 0.6 5.0 14.0 0.6 5.0 14.0 0.6 7.0 14.0 0.6
0.0022
222
5.0 14.0 0.6 5.0 14.0 0.6 5.0 14.0 0.6 7.0 14.0 0.6
0.0033
332
5.0 14.0 0.6 5.0 14.0 0.6 6.0 14.0 0.6 7.0 14.0 0.6
0.0047
472
6.0 14.0 0.6 6.0 14.0 0.6 7.0 14.0 0.6 8.0 14.0 0.6
0.0068
682
6.0 14.0 0.6 6.0 14.0 0.6 8.0 14.0 0.6 8.0 16.0 0.6
0.0100
103
6.0 14.0 0.6 7.0 14.0 0.6 8.0 16.0 0.6 10.0 16.0 0.6
0.0150
153
7.0 14.0 0.6 7.0 16.0 0.6 9.0 16.0 0.6 9.0 21.0 0.8
0.0220
223
7.0 14.0 0.6 8.0 16.0 0.6 10.0 16.0 0.6 11.0 21.0 0.8
0.0330
333
8.0 14.0 0.6 10.0 16.0 0.6 12.5 21.0 0.8 13.0 21.0 0.8
0.0470
473
9.0 16.0 0.6 10.0 21.0 0.6 14.0 21.0 0.8 13.0 27.0 0.8
0.0680
683
11.0 16.0 0.6 11.0 21.0 0.8 12.0 27.0 0.8 15.0 27.0 0.8
0.1000
104
10.0 21.0 0.8 12.0 27.0 0.8 14.0 27.0 0.8 16.0 32.0 0.8
0.1500
154
12.0 21.0 0.8 14.0 27.0 0.8 17.0 27.0 0.8 18.0 32.0 0.8
0.2200 2224 13.0 27.0 0.8 16.0 27.0 0.8 18.0 32.0 0.8
0.3300
334
15.0 27.0 0.8 15.0 32.0 0.8 20.0 32.0 0.8
0.4700
474
16.0 32.0 0.8 19.0 32.0 0.8
(2J)
100VDC
250 VDC
400VDC
630VDC
W.V
(2A)
(2E)
(2G)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - PNT104K2G

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PNT MSYSTEM-PNT Datasheet
93Kb / 2P
   Plug-in Signal Conditioners M-UNIT
PNT-1 MSYSTEM-PNT-1 Datasheet
93Kb / 2P
   Plug-in Signal Conditioners M-UNIT
PNT-2 MSYSTEM-PNT-2 Datasheet
93Kb / 2P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PNT104K2G

ManufacturerPart #DatasheetDescription
logo
RFE international
PMT RFE-PMT Datasheet
136Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
REV 2010.10.13
PMT103J2G RFE-PMT103J2G Datasheet
83Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
224MARA01KG ILLINOISCAPACITOR-224MARA01KG_13 Datasheet
441Kb / 4P
   Axial Leaded Polypropylene Film
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
logo
RFE international
MT474M2G RFE-MT474M2G Datasheet
98Kb / 1P
   METALIZED POLYESTER FILM CAPACITORS MF & MT Series: Axial Leaded, Flat & Tubular
logo
Cornell Dubilier Electr...
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com