Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ608 Datasheet(PDF) 2 Page - RFE international

Part # KBJ608
Description  BRIDGE RECTIFIERS 3.0 to 6.0 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

KBJ608 Datasheet(HTML) 2 Page - RFE international

  KBJ608 Datasheet HTML 1Page - RFE international KBJ608 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BRIDGE RECTIFIERS
6.0 to 8.0 Amps
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C3D02S
REV 2009.12.21
RoHS
ü
µ
Peak Repetitive
Reverse Voltage
Max Avg
Rectified
Current
Max. Peak
Fwd Surge
Current
Max Reverse
Current
VRRM
IO
IFSM
IR@VR
V
A
A
V
A
A
GBU6005
50
6.0
175
1.1
3.0
10
GBU601
100
6.0
175
1.1
3.0
10
GBU602
200
6.0
175
1.1
3.0
10
GBU604
400
6.0
175
1.1
3.0
10
GBU606
600
6.0
175
1.1
3.0
10
GBU608
800
6.0
175
1.1
3.0
10
GBU610
1000
6.0
175
1.1
3.0
10
GBJ6005
50
6.0
175
1.1
3.0
10
GBJ601
100
6.0
175
1.1
3.0
10
GBJ602
200
6.0
175
1.1
3.0
10
GBJ604
400
6.0
175
1.1
3.0
10
GBJ606
600
6.0
175
1.1
3.0
10
GBJ608
800
6.0
175
1.1
3.0
10
GBJ610
800
6.0
175
1.1
3.0
10
KBJ6005
50
6.0
175
1.1
3.0
10
KBJ601
100
6.0
175
1.1
3.0
10
KBJ602
200
6.0
175
1.1
3.0
10
KBJ604
400
6.0
175
1.1
3.0
10
KBJ606
600
6.0
175
1.1
3.0
10
KBJ608
800
6.0
175
1.1
3.0
10
KBJ610
1000
6.0
175
1.1
3.0
10
BR605
50
6.0
175
1.1
3.0
10
BR61
100
6.0
175
1.1
3.0
10
BR62
200
6.0
175
1.1
3.0
10
BR64
400
6.0
175
1.1
3.0
10
BR66
600
6.0
175
1.1
3.0
10
BR68
800
6.0
175
1.1
3.0
10
BR610
1000
6.0
175
1.1
3.0
10
KBU8005
50
8.0
300
1.1
8.0
10
KBU801
100
8.0
300
1.1
8.0
10
KBU802
200
8.0
300
1.1
8.0
10
KBU804
400
8.0
300
1.1
8.0
10
KBU806
600
8.0
300
1.1
8.0
10
KBU808
800
8.0
300
1.1
8.0
10
KBU810
1000
8.0
300
1.1
8.0
10
GBU8005
50
8.0
200
1.1
4.0
10
GBU801
100
8.0
200
1.1
4.0
10
GBU802
200
8.0
200
1.1
4.0
10
GBU804
400
8.0
200
1.1
4.0
10
GBU806
600
8.0
200
1.1
4.0
10
GBU808
800
8.0
200
1.1
4.0
10
GBU810
1000
8.0
200
1.1
4.0
10
GBJ8005
50
8.0
200
1.1
4.0
10
GBJ801
100
8.0
200
1.1
4.0
10
GBJ802
200
8.0
200
1.1
4.0
10
GBJ804
400
8.0
200
1.1
4.0
10
GBJ806
600
8.0
200
1.1
4.0
10
GBJ808
800
8.0
200
1.1
4.0
10
GBJ810
800
8.0
200
1.1
4.0
10
KBJ8005
50
8.0
200
1.1
4.0
10
KBJ801
100
8.0
200
1.1
4.0
10
KBJ802
200
8.0
200
1.1
4.0
10
KBJ804
400
8.0
200
1.1
4.0
10
KBJ806
600
8.0
200
1.1
4.0
10
KBJ808
800
8.0
200
1.1
4.0
10
KBJ810
1000
8.0
200
1.1
4.0
10
BR6
GBJ
6.0 AMP Single-Phase Bridge Rectifiers (Cont'd)
RFE Part
Number
Forward
Voltage
Drop
Package
Outline
(Typical Size in inches)
VF@IF
KBU
GBU
GBJ
KBJ
KBJ
GBU
8.0 AMP Single-Phase Bridge Rectifiers
KBU
GBJ
GBU
KBJ
BR6
GBJ
GBU
KBJ


Similar Part No. - KBJ608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBJ608 ETC1-KBJ608 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
Microdiode Electronics ...
KBJ608 CHENDA-KBJ608 Datasheet
527Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBJ608 LUGUANG-KBJ608 Datasheet
142Kb / 2P
   Silicon Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
KBJ608 YFWDIODE-KBJ608 Datasheet
537Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Components Intern...
KBJ608 FCI-KBJ608 Datasheet
145Kb / 2P
   6.0 Amps Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
More results

Similar Description - KBJ608

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_10 Datasheet
496Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
KBU601 TSC-KBU601_09 Datasheet
167Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC6-BR6 YANGJIE-KBPC6-BR6 Datasheet
255Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC600 JGD-KBPC600 Datasheet
131Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_1 Datasheet
168Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com