Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC3A4R7H18 Datasheet(PDF) 1 Page - RFE international

Part # MSC3A4R7H18
Description  PTC THERMISTOR Motor Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MSC3A4R7H18 Datasheet(HTML) 1 Page - RFE international

  MSC3A4R7H18 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C5CB03
REV 2001
PTC THERMISTOR
Motor Applications
*Unused Faston terminals (1 through 4) shown on drawings are omitted.
Type 1A
Note: To complete part numbers replace ** with correct type pinout.
Type 3A
Type 2A
Type 2B
3
2
1
6
4
5
Split Phase, Resistance Start
Capacitance Run
Capacitance Start and Run
Capacitance Start
Max.
Resistance
Max
Max
Reference
Part
Operat ing
at 25°C
Operat ing
Po wer
Temperature
Numb er
Voltage
Current
Consumption
Vma x
R25
Ima x
W
Tc
(V)
(W)
(A)
(W)
(°C)
160
3.3 ± 25%
12
3.5
120
MSC* * 3R3H16
180
4.7 ± 25%
12
3.5
120
MSC* * 4R7H18
200
6.8 ± 25%
10
3.5
120
MSC* * 6R8H20
225
10 ± 25%
9
3.2
120
MSC* * 100H22
250
15 ± 25%
8
3.2
120
MSC* * 150H25
300
22 ± 25%
7
3.2
120
MSC* * 220H30
355
33 ± 25%
6
3.2
120
MSC* * 330H35
400
47 ± 25%
5
3.2
120
MSC* * 470H40
410
100 ± 25%
2.5
3.2
100
MSC* * 101H41
FASTON AND PLUG TERMINAL LOCATIONS
AND BODY DIMENSIONS
INTERNAL CIRCUIT DIAGRAMS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - MSC3A4R7H18

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC3000 ASI-MSC3000 Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MSC3003 ASI-MSC3003 Datasheet
33Kb / 3P
   NPN SILICON RF POWER TRANSISTOR
MSC3005 ASI-MSC3005 Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Motorola, Inc
MSC3130 MOTOROLA-MSC3130 Datasheet
105Kb / 4P
   NPN RF Amplifier Transistors Surface Mount?
logo
Leshan Radio Company
MSC3130 LRC-MSC3130 Datasheet
40Kb / 1P
   NPN RF Amplifier Transistor Surface Mount
More results

Similar Description - MSC3A4R7H18

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
HL600-150U LEIDITECH-HL600-150U Datasheet
266Kb / 1P
   Polymer PTC Thermistor
logo
Murata Manufacturing Co...
PTH451 MURATA-PTH451 Datasheet
45Kb / 1P
   PTC THERMISTOR FOR DEGAUSSING
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
logo
RFE international
PTD4A150H26 RFE-PTD4A150H26 Datasheet
69Kb / 1P
   PTC THERMISTOR Electronic Ballast & Circuit Protection
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
EPCOS
B59506A0120A020 EPCOS-B59506A0120A020_09 Datasheet
195Kb / 9P
   PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020_12 Datasheet
185Kb / 8P
   PTC thermistors for motor starting
B59506A0120A020 EPCOS-B59506A0120A020_12 Datasheet
58Kb / 9P
   PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020 Datasheet
191Kb / 8P
   PTC thermistors for motor starting
logo
Vishay Siliconix
PTC305C VISHAY-PTC305C_V01 Datasheet
168Kb / 8P
   PTC Thermistors Motor Start Packages
01-Jan-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com