Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR350F Datasheet(PDF) 1 Page - RFE international

Part # FBR350F
Description  Radial Leaded PPTC FBR Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FBR350F Datasheet(HTML) 1 Page - RFE international

  FBR350F Datasheet HTML 1Page - RFE international FBR350F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Radial Leaded PPTC
FBR Series
FEATURES
AGENCY RECOGNITION
•Low hold current, Solid state, Radial leaded product ideal
for up to 90V
Application: Cable/Telephone Electronics - Cable Power
Passing Tap
Operation Current: 100mA ~ 900mA
Maximum Voltage: 90V
Temperature Range: -40°C to 85°C
•Uncoated (U) type available
•UL (E211981)
•C-UL (E211981)
•TUV (R5004054)
ELECTRICAL CHARACTERISTICS (23°C)
FBR PRODUCTION DIMENSIONS (MILLIMETER)
IH=Hold current-maximum current at which the device will not trip at 23°C still air.
IT=Trip current-maximum current at which the device will always trip at 23°C still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in the tripped state in 23°C still air environment.
R MIN=Minimum device resistance at 23°C.
R1MAX=Maximum device resistance at 23°C, 1 hour after tripping.
Physical specifications:
Lead material: FBR100~FBR350 Tin plated copper, 24 AWG.
FBR550~FBR900 Tin plated copper, 20 AWG.
Soldering characteristics: MIL-STD-202, Method 208E.
Insulating coating: Flame retardant epoxy, meet UL-94V-0 requirement.
FBR100-90 ~ FBR350-90
Lead Size: 24AWG (0.51mm)
FBR550-90 ~ FBR900-90
Lead Size: 20AWG (0.81mm)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C5EB07
REV 03.01. 2007
RoHS
ü
Part
A
B
C
D
E
F
Number
Maximum Maximum Typical Minimum Maximum Typical
FBR100(U)F
7.4
12.7
5.1
7.6
3.1
1.4
FBR150(U)F
9
12.7
5.1
7.6
3.6
1.4
FBR200(U)F
9
12.7
5.1
7.6
3.6
1.4
FBR250(U)F
9
12.7
5.1
7.6
3.6
1.4
FBR350(U)F
9
12.7
5.1
7.6
3.6
1.4
FBR550(U)F
10.9
14.0
5.1
7.6
3.6
1.4
FBR750(U)F
11.9
15.5
5.1
7.6
3.6
1.4
FBR900(U)F
13.0
16.0
5.1
7.6
3.6
1.4
U suffix = uncoated
RMIN
R1MAX
IH, A
IT, A
at 5xIH
IMAX, A
VMAX, Vdc
Pd, W
OHMS
OHMS
FBR100(U)F
0.10
0.20
10
40
90
0.38
2.50
7.50
FBR150(U)F
0.15
0.35
10
40
90
0.70
2.40
7.00
FBR200(U)F
0.20
0.45
10
40
90
0.80
1.50
4.50
FBR250(U)F
0.25
0.55
10
40
90
0.90
1.25
3.70
FBR350(U)F
0.35
0.75
10
40
90
1.30
0.90
2.50
FBR550(U)F
0.55
1.20
12
40
90
1.50
0.45
1.50
FBR750(U)F
0.75
1.60
13
40
90
1.70
0.30
1.20
FBR900(U)F
0.90
2.00
20
40
90
2.30
0.15
0.70
Max Time to
Trip
Rated
Voltage
Typical
Power
Resistance Tolerance
Part Number
Hold
Current
Trip
Current
Maximum
Current


Similar Part No. - FBR350F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR3500 EIC-FBR3500 Datasheet
21Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR3500 EIC-FBR3500 Datasheet
50Kb / 2P
   FAST RECOVERY
FBR3500 EIC-FBR3500 Datasheet
80Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
FBR3500W EIC-FBR3500W Datasheet
49Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR3500W EIC-FBR3500W Datasheet
52Kb / 2P
   FAST RECOVERY
More results

Similar Description - FBR350F

ManufacturerPart #DatasheetDescription
logo
RFE international
FRT050-33F RFE-FRT050-33F Datasheet
145Kb / 2P
   Radial Leaded PPTC FRT Series
FRX005-60F RFE-FRX005-60F Datasheet
202Kb / 2P
   Radial Leaded PPTC FRX Series
FRU090-30F RFE-FRU090-30F Datasheet
161Kb / 2P
   Radial Leaded PPTC FRU Series
FRVL010-120F RFE-FRVL010-120F Datasheet
215Kb / 2P
   Radial Leaded PPTC FRVL Series
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
FRG250-16F RFE-FRG250-16F Datasheet
124Kb / 1P
   Radial Leaded PPTC FRG Series
FRV005-240F RFE-FRV005-240F Datasheet
154Kb / 2P
   Radial Leaded PPTC FRV Series
FUSB075F RFE-FUSB075F Datasheet
126Kb / 1P
   Radial Leaded PPTC FUSB Series
FHT200-16F RFE-FHT200-16F Datasheet
190Kb / 2P
   Radial Leaded PPTC FHT Series: High Temperature, 125째C
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
   Radial Leaded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com