Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLT260F Datasheet(PDF) 1 Page - RFE international

Part # FLT260F
Description  STRAP TYPE PPTC FLT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FLT260F Datasheet(HTML) 1 Page - RFE international

  FLT260F Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
STRAP TYPE PPTC
FLT Series
C5EC02
REV 2007.03.1
FEATURES
AGENCY RECOGNITION
Low profile, Solid state
Application: Rechargeable battery packs,
Lithium cell and battery packs
Operation Current: 0.7A ~3.4A
Maximum Voltage: 24V
Temperature Range: -40°C to 85°C
UL (E211981)
C-UL (E211981)
TÜV (R3-50004084)
ELECTRICAL CHARACTERISTIC (23°C)
IH=Hold current-maximum current at which the device will not trip at 23°C still air.
IT=Trip current-maximum current at which the device will always trip at 23°C still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in the tripped state in 23°C still air environment.
R MIN=Minimum device resistance at 23°C.
R1MAX=Maximum device resistance at 23°C, 1 hour after tripping.
Physical specifications:
Lead materials: 0.13mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape.
FLT PRODUCT DIMENSIONS (MILLIMETERS)
THERMAL DERATING CURVE
A
B
C
D
E F G H
0.1
1
10
1
10
100
Fault Current (A)
NOTE: All specification subject to change without notice.
Thermal Derating Curve - FLT Series
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (C)
TYPICAL TIME-TO-TRIP AT 23°C
RMIN
RMAX
R1MAX
IH, A
IT, A
at 5xIH, sec
IMAX, A
VMAX, Vdc
Pd, W
OHMS
OHMS
OHMS
FLT070F
0.7
1.5
5.0
100
24
1.1
0.100
0.200
0.340
FLT100F
1.00
2.5
7.0
100
24
1.5
0.070
0.130
0.260
FLT180F
1.8
3.8
2.9
100
24
2.0
0.040
0.068
0.120
FLT190F
1.9
4.2
3.0
100
24
1.9
0.030
0.057
0.100
FLT260F
2.6
5.2
5.0
100
24
2.3
0.025
0.042
0.076
FLT300F
3.0
6.3
4.0
100
24
2.0
0.015
0.031
0.055
FLT310F
3.1
6.0
4.0
100
24
2.5
0.018
0.030
0.055
FLT340F
3.4
6.8
5.0
100
24
2.7
0.016
0.027
0.050
Rated
Voltage
Typical
Power
Part
Number
Hold
Current
Trip
Current
Maximum
Current
Maximum
time to trip
Resistance Tolerance
Part
Number
Min
Max
Min
Max Min Max Min Max Min Max
FLT070F
1
19.9 22.1
4.9
5.2
0.7
1.2
5.5
7.5
3.9
4.1
FLT100F
1
20.9 23.1
4.9
5.2
0.6
1.0
4.1
5.5
3.9
4.1
FLT180F
1
24.0 26.0
4.9
5.2
0.6
1.0
4.1
5.5
3.9
4.1
FLT190F
1
21.3 23.4
10.2
11.0 0.5
1.1
5.0
7.6
4.8
5.4
FLT260F
1
24.0 26.0
10.8
11.9 0.6
1.0
5.0
7.0
5.9
6.1
FLT300F
1
28.4 31.8
13.0
13.5 0.5
1.1
6.3
8.9
6
6.6
FLT310F
1
24.0 26.0
14.8
15.9 0.6
1.0
5.0
7.0
5.9
6.1
FLT340F
1 24.0 26.0 14.8 15.9 0.6
1.0
4.0
5.0
5.9
6.1
B
C
D
F
Fig
A
A = FLT070
B = FLT100
C = FLT180
D = FLT190
E = FLT260
F = FLT300
G = FLT310
H = FLT340
RoHS
ü


Similar Part No. - FLT260F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FLT260 DBLECTRO-FLT260 Datasheet
108Kb / 3P
   Axial Leaded PTC FLR Series
FLT260 DBLECTRO-FLT260 Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
FLT260S DBLECTRO-FLT260S Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
FLT260U DBLECTRO-FLT260U Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
More results

Similar Description - FLT260F

ManufacturerPart #DatasheetDescription
logo
RFE international
FLR190F RFE-FLR190F Datasheet
129Kb / 1P
   STRAP TYPE PPTC FLR Series
FSR120F RFE-FSR120F Datasheet
111Kb / 2P
   STRAP TYPE PPTC FSR Series
FSR RFE-FSR Datasheet
450Kb / 2P
   STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVL RFE-FVL Datasheet
448Kb / 2P
   STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FLR RFE-FLR Datasheet
451Kb / 2P
   STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVT RFE-FVT Datasheet
451Kb / 2P
   STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Thinking Electronic Ind...
KSL0150070 THINKING-KSL0150070 Datasheet
166Kb / 4P
   Strap Type KSL Series
KSH0150170 THINKING-KSH0150170 Datasheet
179Kb / 4P
   Strap Type KSH Series
KSV0120170 THINKING-KSV0120170 Datasheet
142Kb / 5P
   Strap Type KSV Series
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com