Electronic Components Datasheet Search |
|
6A40S Datasheet(PDF) 1 Page - RFE international |
|
6A40S Datasheet(HTML) 1 Page - RFE international |
|
1 / 1 page REV 2001 C3CA01 LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps A-405 DO-41 DO-15 DO-201AD R-6S .275 R-6 .360 GENERAL PURPOSE RECTIFIERS (Including Glass Passivated, use G suffix) Operating Temperature: -65°C to 125°C RF Cross Max Avg. Peak Peak Fwd Surge Max Forward Max Reverse Package Outline Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25°C Current @ 25°C (Max in inches) Current Voltage Superimposed @ Rated IO @ Rated PIV IO(A) PIV(V) IFSM(A) VFM(V) IR(mA) Bulk/Reel 1A1 1.0 A 50 25 1.1 5.0 1000/5000 1A2 1.0 A 100 25 1.1 5.0 1000/5000 1A3 1.0 A 200 25 1.1 5.0 1000/5000 1A4 1.0 A 400 25 1.1 5.0 1000/5000 1A5 1.0 A 600 25 1.1 5.0 1000/5000 1A6 1.0 A 800 25 1.1 5.0 1000/5000 1A7 1.0 A 1000 25 1.1 5.0 1000/5000 1N4001S RL101 1.0 A 50 30 1.0 5.0 1000/5000 1N4002S RL102 1.0 A 100 30 1.0 5.0 1000/5000 1N4003S RL103 1.0 A 200 30 1.0 5.0 1000/5000 1N4004S RL104 1.0 A 400 30 1.0 5.0 1000/5000 1N4005S RL105 1.0 A 600 30 1.0 5.0 1000/5000 1N4006S RL106 1.0 A 800 30 1.0 5.0 1000/5000 1N4007S RL107 1.0 A 1000 30 1.0 5.0 1000/5000 1N4001 1.0 A 50 30 1.1 5.0 1000/5000 1N4002 1.0 A 100 30 1.1 5.0 1000/5000 1N4003 1.0 A 200 30 1.1 5.0 1000/5000 1N4004 1.0 A 400 30 1.1 5.0 1000/5000 1N4005 1.0 A 600 30 1.1 5.0 1000/5000 1N4006 1.0 A 800 30 1.1 5.0 1000/5000 1N4007 1.0 A 1000 30 1.1 5.0 1000/5000 1N5391 RL151 1.5 A 50 50 1.0 5.0 500/4000 1N5392 RL152 1.5 A 100 50 1.0 5.0 500/4000 1N5393 RL153 1.5 A 200 50 1.0 5.0 500/4000 1N5395 RL154 1.5 A 400 50 1.0 5.0 500/4000 1N5397 RL155 1.5 A 600 50 1.0 5.0 500/4000 1N5398 RL156 1.5 A 800 50 1.0 5.0 500/4000 1N5399 RL157 1.5 A 1000 50 1.0 5.0 500/4000 2A01 2.0 A 50 60 1.0 5.0 500/4000 2A02 2.0 A 100 60 1.0 5.0 500/4000 2A03 2.0 A 200 60 1.0 5.0 500/4000 2A04 2.0 A 400 60 1.0 5.0 500/4000 2A05 2.0 A 600 60 1.0 5.0 500/4000 2A06 2.0 A 800 60 1.0 5.0 500/4000 2A07 2.0 A 1000 60 1.0 5.0 500/4000 1N5400 P300A 3.0 A 50 200 1.0 5.0 500/1250 1N5401 P300B 3.0 A 100 200 1.0 5.0 500/1250 1N5402 P300D 3.0 A 200 200 1.0 5.0 500/1250 1N5404 P300G 3.0 A 400 200 1.0 5.0 500/1250 1N5406 P300J 3.0 A 600 200 1.0 5.0 500/1250 1N5407 P300K 3.0 A 800 200 1.0 5.0 500/1250 1N5408 P300M 3.0 A 1000 200 1.0 5.0 500/1250 6A05S 6.0 A 50 250 0.9 5.0 400/500 6A10S 6.0 A 100 250 0.9 5.0 400/500 6A20S 6.0 A 200 250 0.9 5.0 400/500 6A40S 6.0 A 400 250 0.9 5.0 400/500 6A60S 6.0 A 600 250 0.9 5.0 400/500 6A80S 6.0 A 800 250 0.9 5.0 400/500 6A100S 6.0 A 1000 250 0.9 5.0 400/500 6A05 6.0 A 50 400 0.9 5.0 200/500 6A10 6.0 A 100 400 0.9 5.0 200/500 6A20 6.0 A 200 400 0.9 5.0 200/500 6A40 6.0 A 400 400 0.9 5.0 200/500 6A60 6.0 A 600 400 0.9 5.0 200/500 6A80 6.0 A 800 400 0.9 5.0 200/500 6A100 6.0 A 1000 400 0.9 5.0 200/500 8A05 8.0 A 50 400 1.0 5.0 200/500 8A10 8.0 A 100 400 1.0 5.0 200/500 8A20 8.0 A 200 400 1.0 5.0 200/500 8A40 8.0 A 400 400 1.0 5.0 200/500 8A60 8.0 A 600 400 1.0 5.0 200/500 8A80 8.0 A 800 400 1.0 5.0 200/500 8A100 8.0 A 1000 400 1.0 5.0 200/500 R-1 .023 .097 .787 .787 .116 RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com |
Similar Part No. - 6A40S |
|
Similar Description - 6A40S |