Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRS12030 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # FRS12030
Description  FRS12000 miniature screened
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FRS12030 Datasheet(HTML) 2 Page - Cynergy3 Co

  FRS12030 Datasheet HTML 1Page - Cynergy3 Co FRS12030 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO9001 Certified
USA
EUROPE - UK
ASIA - Thailand
Sales & Tech Support(866) 258-5057
Telephone +44 (0) 1202 897969
Telephone +66 (0)2 665 2517
Email: sales@cynergy3.com
Fax +44 (0) 1202 891918
Fax +66 (0)2 665 2588
Cynergy3 Components
Email:sales@cynergy3.com
Cynergy 3 Components, Asia
2320 Paseo de las Americas, Suite 104
Cynergy3 Components Ltd.
18/8 Fico Place 12th Floor
San Diego, CA 92154
7 Cobham Road
Soi Sukhumvit 21 (Asoke)
Ferndown Industrial Estate
Klongtoey Nua, Wattana
Wimborne, Dorset BH21 7PE
Bangkok, Thailand 10110
© 2007 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Corp.
*Other names and brands may be claimed as the property of others.
FRS12030
Max Current vs. Frequency
0
1
2
3
4
5
6
0
5
10
15
20
25
30
Frequency (MHz)
20°C
65°C
85°C
FRS12208
Max Current vs. Frequency
0
1
2
3
4
5
6
0
5
10
15
20
25
30
Frequency (MHz)
20°C
65°C
85°C
(0.50“)
3.0 (0.12")
5.0 (0.20")
12.6 max
4
FRS12208
13
3
8
11
5
12
5
17
29.0 max
(1.14“)
25.4
(1.0“)
22.86
(0.9“)
30.60
(1.20“)
5.0
(0.2“)
2.54
(0.1“)
5.08
(0.2“)
15
PIN SIZE :
4, 13, 15
0.635mm (nom) square
5, 12
0.7mm (nom) dia.
PIN SIZE :
3, 11 & 17 0.635mm (nom) square
5 & 8
0.7mm (nom) dia.
11.50
(0.15“)
3.0 (0.12")
5.0 (0.20“)
FRS12030
10.4 max.
(0.41“)
2.54
(0.1“)
2.54
(0.1“)
2.54
(0.1“)
11.5
(0.45“)
2.54
(0.1“)
Many other variants in the FRS12000 family are available with different coil and contact configurations, as well as a number of pin
footprints for drop-in replacements.
FRS12000
miniature screened
2 kV, 5A
Mechanical Dimensions
All dimensions are in millimeters (inches)


Similar Part No. - FRS12030

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FRS12000 CYNERGY3-FRS12000 Datasheet
552Kb / 2P
   miniature screened 2 kV, 5A
More results

Similar Description - FRS12030

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SAR412SD CYNERGY3-SAR412SD Datasheet
636Kb / 2P
   miniature screened, open frame
SAR405SD CYNERGY3-SAR405SD Datasheet
636Kb / 2P
   miniature screened, open frame
SAR605SU CYNERGY3-SAR605SU Datasheet
674Kb / 2P
   miniature fully screened, open frame
logo
List of Unclassifed Man...
SAR605SU ETC2-SAR605SU Datasheet
629Kb / 2P
   miniature fully screened, open frame
logo
Cynergy3 Co
FRS12000 CYNERGY3-FRS12000 Datasheet
552Kb / 2P
   miniature screened 2 kV, 5A
TAR212SM CYNERGY3-TAR212SM Datasheet
663Kb / 2P
   Miniature Screened 0.5A, 1.5kV 2 Series
SAR405SU CYNERGY3-SAR405SU Datasheet
310Kb / 2P
   miniature screened, open frame 3.5 kV, 3.5A
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
   Screened Room Filters
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
logo
PREMO CORPORATION S.L
FC2-FC4 PREMO-FC2-FC4 Datasheet
138Kb / 1P
   Screened Room Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com