Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EXT075G18SS Datasheet(PDF) 1 Page - Cynergy3 Co

Part # EXT075G18SS
Description  extension tubes for float switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

EXT075G18SS Datasheet(HTML) 1 Page - Cynergy3 Co

  EXT075G18SS Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
extension tubes
for float switches
ISO
9001CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com
© 2007 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Corp.
USA
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
EUROPE - UK
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email:sales@cynergy3.com
A range of extension tubes available in
Polypropylene or Stainless Steel (316L grade),
which extend the reach of the various vertical
float switches.
The Polypropylene tubes, with either M12
or M16 threads, are intended for use with
our plastic types of float switches and are
available in 250mm, 500mm and 750mm
lengths.
Stainless steel extension tubes, with either
1/8BSP (G1/8) or 3/8BSP (G3/8), are intended
for use with our stainless steel float switches
and are available in lengths from 250mm to
1000mm
Mechanical Dimensions
All dimensions are in millimeters (inches)
TM
25mm
(0.98”)
5mm
(0.2”)
G 1/8" 20 mm (0.75”) Full Thread
G 3/8"
Gasket
25mm (1.0”) dia for G 3/8” version
1/2" x 18swg
¯25mm (1.0”)
Extension Length
19mm (0.75”) dia for G 1/8” version
G 3/8" 20 mm (0.75”) Full Thread
G 1/8"
25mm
(0.1”)
10mm
(0.4”)
Ext. PP Versions
Ext. SS Versions
Cynergy3 Part
Material
Thread type
Extension length
Gasket
EXT02 5M12PP
Polypropylene
M12x1.75
250mm
Nitrile
EXT050M12PP
Polypropylene
M12x1.75
500mm
Nitrile
EXT075M12PP
Polypropylene
M12x1.75
750mm
Nitrile
EXT025M16PP
Polypropylene
M16x2
250mm
Nitrile
EXT050M16PP
Polypropylene
M16x2
500mm
Nitrile
EXT075M16PP
Polypropylene
M16x2
750mm
Nitrile
EXT025G18SS
316 grade SS
G1/8
250mm
Nitrile
EXT050G18SS
316 grade SS
G1/8
500mm
Nitrile
EXT075G18SS
316 grade SS
G1/8
750mm
Nitrile
EXT100G18SS
316 grade SS
G1/8
1000mm
Nitrile
EXT025G38SS
316 grade SS
G3/8
250mm
Nitrile
EXT050G38SS
316 grade SS
G3/8
500mm
Nitrile
EXT075G38SS
316 grade SS
G3/8
750mm
Nitrile
EXT100G38SS
316 grade SS
G3/8
1000mm
Nitrile
M16 x 2
M12 x 1.5
M16 x 2
25mm
(1.0”)
16 x 2 mm (0.6x0.08”) Wall
Gasket
SS Washer
20 x 2.5 mm (0.79x0.1”) Wall
M12 x 1.5
10mm
(0.4”)
25mm
(1.0”)
Extension Length


Similar Part No. - EXT075G18SS

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
EXT-PCI VIA-EXT-PCI Datasheet
824Kb / 3P
   Mini-ITX Series
EXT-PCI VIA-EXT-PCI Datasheet
929Kb / 2P
   Mini-ITX Series
logo
BELIMO AIRCONTROLS (USA...
EXT-RP-SSRPV BELIMO-EXT-RP-SSRPV Datasheet
174Kb / 1P
   STAINLESS STEEL PRESSURE PICKUP PORT
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
EXT9502XXM1R E-CMOS-EXT9502XXM1R Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
More results

Similar Description - EXT075G18SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR03-L05M-PVC ETC1-LR03-L05M-PVC Datasheet
76Kb / 3P
   FLOAT SWITCHES
logo
Magnetrol International...
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
   Float Actuated Liquid Level Switches
logo
Cynergy3 Co
CW1 CYNERGY3-CW1 Datasheet
299Kb / 1P
   Counterweight for use on cable suspended float switches.
LLF CYNERGY3-LLF Datasheet
402Kb / 1P
   Vertical Fast Lift Float switches
logo
Magnetrol International...
B24-1B10-JEG MAGNETROL-B24-1B10-JEG Datasheet
499Kb / 36P
   External Cage Float Actuated Liquid Level Switches
logo
STMicroelectronics
STEVAL-IHT007V1 STMICROELECTRONICS-STEVAL-IHT007V1 Datasheet
199Kb / 4P
   Extension board with ACS switches for STM8S Discovery Kit
logo
Magnetrol International...
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
   Flanged External Cage Float Actuated Liquid Level Switches
logo
Glenair, Inc.
M24758-15-02-01 GLENAIR-M24758-15-02-01 Datasheet
122Kb / 2P
   Adapter for Stuffing Tubes
M24758-15-B-04 GLENAIR-M24758-15-B-04 Datasheet
80Kb / 2P
   Adapter for Stuffing Tubes
logo
PIC GmbH
PFC-2320-3 PIC-PFC-2320-3 Datasheet
43Kb / 1P
   Magnet Float
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com