Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4742A Datasheet(PDF) 1 Page - RFE international

Part # 1N4742A
Description  LEADED (THRU-HOLE) Zener Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

1N4742A Datasheet(HTML) 1 Page - RFE international

  1N4742A Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C3CC02
1W GLASS BODY ZENER DIODE
Operating Temperature: -65°C to 150°C
RF
Cross
Nominal
Test
Max Zener
Max Zener
Test
Max Reverse
Test
Max
Max Reg
Package
Outline
Part Number Refernce
Zener
Current Impedance
Impedance
Current
Lkg Current
Voltage
Surge
Current
(Max in inches)
Voltage @IZT
@IZT
@IZT
@ VR
Current @TA=50°C
VZ(V)
IZT(mA)
ZZT(W)
ZZK(W)
IZK(mA)
IR(mA)
VR(V)
IS(mA)
IZM(mA)
Bulk/Reel
1N4728A
3.3
76.0
10
400
1.00
100
1.0
1380
276
1000/5000
1N4729A
3.6
69.0
10
400
1.00
100
1.0
1260
252
1000/5000
1N4730A
3.9
64.0
9
400
1.00
50
1.0
1190
234
1000/5000
1N4731A
4.3
58.0
9
400
1.00
10
1.0
1070
217
1000/5000
1N4732A
4.7
53.0
8
500
1.00
10
1.0
970
193
1000/5000
1N4733A
5.1
49.0
7
550
1.00
10
1.0
890
178
1000/5000
1N4734A
5.6
45.0
5
600
1.00
10
2.0
810
162
1000/5000
1N4735A
6.2
41.0
2
700
1.00
10
3.0
730
146
1000/5000
1N4736A
6.8
37.0
3.5
700
1.00
10
4.0
660
133
1000/5000
1N4737A
7.5
34.0
4
700
0.50
10
5.0
605
121
1000/5000
1N4738A
8.2
31.0
4.5
700
0.50
10
6.0
550
110
1000/5000
1N4739A
9.1
28.0
5
700
0.50
10
7.0
500
100
1000/5000
1N4740A
10.0
25.0
7
700
0.25
10
7.6
454
91
1000/5000
1N4741A
11.0
23.0
8
700
0.25
5
8.4
414
83
1000/5000
1N4742A
12.0
21.0
9
700
0.25
5
9.1
380
76
1000/5000
1N4743A
13.0
19.0
10
700
0.25
5
9.9
344
69
1000/5000
1N4744A
15.0
17.0
14
700
0.25
5
11.4
304
61
1000/5000
1N4745A
16.0
15.5
16
700
0.25
5
12.2
285
57
1000/5000
1N4746A
18.0
14.0
20
750
0.25
5
13.7
250
50
1000/5000
1N4747A
20.0
12.5
22
750
0.25
5
15.2
225
45
1000/5000
1N4748A
22.0
11.5
23
750
0.25
5
16.7
205
41
1000/5000
1N4749A
24.0
10.5
25
750
0.25
5
18.2
190
38
1000/5000
1N4750A
27.0
9.5
35
750
0.25
5
20.6
170
34
1000/5000
1N4751A
30.0
8.5
40
1000
0.25
5
22.8
150
30
1000/5000
1N4752A
33.0
7.5
45
1000
0.25
5
25.1
135
27
1000/5000
LEADED (THRU-HOLE)
Zener Diodes
1W GLASS BODY ZENER DIODE
Operating Temperature: -65°C to 150°C
RF
Cross
Nominal
Test
Max Zener
Max Zener
Test
Max Reverse
Test
Max
Max Reg
Package
Outline
Part Number Refernce
Zener
Current Impedance
Impedance
Current
Lkg Current
Voltage
Surge
Current
(Max in inches)
Voltage @IZT
@IZT
@IZT
@ VR
Current @TA=50°C
VZ(V)
IZT(mA)
ZZT(W)
ZZK(W)
IZK(mA)
IR(mA)
VR(V)
IS(mA)
IZM(mA)
Bulk/Reel
1N4753A
36.0
7.0
50
1000
0.25
5
27.4
125
25
1000/5000
1N4754A
39.0
6.5
60
1000
0.25
5
29.7
115
23
1000/5000
1N4755A
43.0
6.0
70
1500
0.25
5
32.7
110
22
1000/5000
1N4756A
47.0
5.5
80
1500
0.25
5
35.8
95
19
1000/5000
1N4757A
51.0
5.0
95
1500
0.25
5
38.8
90
18
1000/5000
1N4758A
56.0
4.5
110
2000
0.25
5
42.6
80
16
1000/5000
1N4759A
62.0
4.0
125
2000
0.25
5
47.1
70
14
1000/5000
1N4760A
68.0
3.7
150
2000
0.25
5
51.7
65
13
1000/5000
1N4761A
75.0
3.3
175
2000
0.25
5
56.0
60
12
1000/5000
1N4762A
82.0
3.0
200
3000
0.25
5
62.2
55
11
1000/5000
1N4763A
91.0
2.8
250
3000
0.25
5
69.2
50
10
1000/5000
1N4764A
100.0
2.5
350
3000
0.25
5
76.0
45
9
1000/5000
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - 1N4742A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1N4742A RENESAS-1N4742A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4742A ANOVA-1N4742A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
NXP Semiconductors
1N4742A PHILIPS-1N4742A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4742A VISHAY-1N4742A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
List of Unclassifed Man...
1N4742A ETC1-1N4742A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4742A

ManufacturerPart #DatasheetDescription
logo
RFE international
1N746A RFE-1N746A Datasheet
72Kb / 1P
   LEADED (THRU-HOLE) Zener Diodes
SF61 RFE-SF61 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
logo
Unisonic Technologies
ZD1.8 UTC-ZD1.8 Datasheet
188Kb / 4P
   ZD1.8 THRU ZD36 ZENER DIODES
logo
SUNMATE electronic Co.,...
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com