Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264646C8J-D4 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HYMD264646C8J-D4
Description  Unbuffered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264646C8J-D4 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HYMD264646C8J-D4 Datasheet HTML 1Page - Hynix Semiconductor HYMD264646C8J-D4 Datasheet HTML 2Page - Hynix Semiconductor HYMD264646C8J-D4 Datasheet HTML 3Page - Hynix Semiconductor HYMD264646C8J-D4 Datasheet HTML 4Page - Hynix Semiconductor HYMD264646C8J-D4 Datasheet HTML 5Page - Hynix Semiconductor HYMD264646C8J-D4 Datasheet HTML 6Page - Hynix Semiconductor HYMD264646C8J-D4 Datasheet HTML 7Page - Hynix Semiconductor HYMD264646C8J-D4 Datasheet HTML 8Page - Hynix Semiconductor HYMD264646C8J-D4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
64Mx64 bits
Unbuffered DDR SDRAM DIMM
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.1 / Mar. 2003
1
HYMD264646C(L)8-M/K/H/L
DESCRIPTION
Hynix HYMD264646C(L)8-M/K/H/L series is unbuffered 184-pin double data rate Synchronous DRAM Dual In-Line
Memory Modules (DIMMs) which are organized as 64Mx64 high-speed memory arrays. Hynix HYMD264646C(L)8-M/K/
H/L series consists of sixteen 32Mx8 DDR SDRAM in 400mil TSOPII packages on a184pin glass-epoxy substrate. Hynix
HYMD264646C(L)8-M/K/H/L series provide a high performance 8-byte interface in 5.25" width form factor of industry
standard. It is suitable for easy interchange and addition.
Hynix HYMD264646C(L)8-M/K/H/L series is designed for high speed of up to 133MHz and offers fully synchronous
operations referenced to both rising and falling edges of differential clock inputs. While all addresses and control
inputs are latched on the rising edges of the clock, Data, Data strobes and Write data masks inputs are sampled on
both rising and falling edges of it. The data paths are internally pipelined and 2-bit prefetched to achieve very high
bandwidth. All input and output voltage levels are compatible with SSTL_2. High speed frequencies, programmable
latencies and burst lengths allow variety of device operation in high performance memory system.
Hynix HYMD264646C(L)8-M/K/H/L series incorporates SPD(serial presence detect). Serial presence detect function is
implemented via a serial 2,048-bit EEPROM. The first 128 bytes of serial PD data are programmed by Hynix to identify
DIMM type, capacity and other the information of DIMM and the last 128 bytes are available to the customer.
FEATURES
ORDERING INFORMATION
Part No.
Power Supply
Clock Frequency
Interface
Form Factor
HYMD264646C(L)8-M
VDD=2.5V
VDDQ=2.5V
133MHz (*DDR266:2-2-2)
SSTL_2
184pin Unbuffered DIMM
5.25 x 1.25 x 0.15 inch
HYMD264646C(L)8-K
133MHz (*DDR266A)
HYMD264646C(L)8-H
133MHz (*DDR266B)
HYMD264646C(L)8-L
100MHz (*DDR200)
512MB (64M x 64) Unbuffered DDR DIMM based on
32Mx8 DDR SDRAM
JEDEC Standard 184-pin dual in-line memory module
(DIMM)
2.5V +/- 0.2V VDD and VDDQ Power supply
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock operations (CK & /CK) with
100MHz/125MHz/133MHz
All addresses and control inputs except Data, Data
strobes and Data masks latched on the rising edges
of the clock
Data(DQ), Data strobes and Write masks latched on
both rising and falling edges of the clock
Data inputs on DQS centers when write (centered
DQ)
Data strobes synchronized with output data for read
and input data for write
Programmable CAS Latency 2 / 2.5 supported
Programmable Burst Length 2 / 4 / 8 with both
sequential and interleave mode
tRAS Lock-out function supported
Internal four bank operations with single pulsed RAS
Auto refresh and self refresh supported
8192 refresh cycles / 64ms
* JEDEC Defined Specifications compliant


Similar Part No. - HYMD264646C8J-D4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646C8-H HYNIX-HYMD264646C8-H Datasheet
292Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264646C8-K HYNIX-HYMD264646C8-K Datasheet
292Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264646C8-L HYNIX-HYMD264646C8-L Datasheet
292Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264646C8-M HYNIX-HYMD264646C8-M Datasheet
292Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD264646C8J-D4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT6472AG MICRON-MT9VDDT6472AG Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT3272AY MICRON-MT9VDDT3272AY Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com