Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCTA8207K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCTA8207K
Description  LOW FREQUENCY POWER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTA8207K Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCTA8207K Datasheet HTML 1Page - Unisonic Technologies UTCTA8207K Datasheet HTML 2Page - Unisonic Technologies UTCTA8207K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCTA8207K
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R107-013,A
ELECTRICAL CHARACTERISTICS
(Vcc=9V, RL=4
Ω, Rg=600Ω, f=1kHz, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Current
ICCQ
Vin=0
21
45
mA
Output Power
POUT(1)
THD=10%
2.0
2.5
W
POUT(2)
Vcc=12V,THD=10%
4.6
W
Total Harmonic Distortion
THD
POUT=0.4W / ch
0.2
1.0
%
Voltage Gain
GV(1)
Rf=120
VOUT=0.775Vrms
43
45
47
dB
GV(2)
Rf=0, VOUT=0.775Vrms
56.5
dB
Input Resistance
RIN
30
k
Output Noise Voltage
VNO
Rg=10k
BW=20Hz ~ 20kHz
0.3
1.0
mVrms
Ripple Rejection Ratio
R.R.
Rg=600
Fripple=100Hz
52
dB
Cross Talk
C.T.
Rg=600
Ω, Amp1<->2
VOUT=0dBm, f=1kHz
50
dB
Input Offset Voltage
V6,V7
30
60
mV
Stand-by Current
SW1->OFF
1
µA
TYPICAL DC VOLTAGE OF EACH TERMINAL (Vcc=9V, Ta=25
°C)
TERMINAL NO.
1
2
3
4
5
6
7
8
9
10
11
12
DC Voltage
8.7
4.5
Vcc
5.0
0.7
0.03
0.03
0.7
GND
4.5
8.7
Vcc


Similar Part No. - UTCTA8207K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTA2003 UTC-UTCTA2003 Datasheet
82Kb / 6P
   AM/FM RADIO IC
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
   0.6W AUDIO POWER AMPLIFIER
More results

Similar Description - UTCTA8207K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com