Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMG50-05 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSMG50-05
Description  HiPerFETTM Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSMG50-05 Datasheet(HTML) 2 Page - Powersem GmbH

  PSMG50-05 Datasheet HTML 1Page - Powersem GmbH PSMG50-05 Datasheet HTML 2Page - Powersem GmbH PSMG50-05 Datasheet HTML 3Page - Powersem GmbH PSMG50-05 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECO-PACTM 2
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Dimensions in mm (1 mm = 0.0394")
Module
Symbol
Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
stg
-40...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz; t = 1 s
3600
V~
M
d
Mounting torque (M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
a
Max. allowable acceleration
50
m/s2
Symbol
Conditions
Characteristic Values
min. typ. max.
d
S
Creepage distance on surface (Pin to heatsink)
11.2
m m
d
A
Strike distance in air (Pin to heatsink)
11.2
m m
Weight
24
g


Similar Part No. - PSMG50-05

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSMG5005 MEDER-PSMG5005 Datasheet
149Kb / 4P
   Electrically Isolated Back Surface Single MOSFET Die
More results

Similar Description - PSMG50-05

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFE50N50 IXYS-IXFE50N50 Datasheet
655Kb / 2P
   HiPerFETTM Power MOSFET
IXFR80N60P3 IXYS-IXFR80N60P3 Datasheet
148Kb / 5P
   Polar3TM HiPerFETTM Power MOSFET
IXFB62N80Q3 IXYS-IXFB62N80Q3 Datasheet
149Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFN62N80Q3 IXYS-IXFN62N80Q3 Datasheet
132Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFP12N65X2M IXYS-IXFP12N65X2M Datasheet
574Kb / 6P
   X2-Class HiperFETTM Power MOSFET
IXFN44N80 IXYS-IXFN44N80 Datasheet
120Kb / 2P
   HiPerFETTM Power MOSFETs Single MOSFET Die
IXFB82N60Q3 IXYS-IXFB82N60Q3 Datasheet
148Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFA80N25X3 IXYS-IXFA80N25X3 Datasheet
243Kb / 6P
   X3-Class HiPerFETTM Power MOSFET
IXFH70N15 IXYS-IXFH70N15 Datasheet
55Kb / 2P
   HiPerFETTM Power MOSFETs
IXFN-25N90 IXYS-IXFN-25N90 Datasheet
144Kb / 4P
   HiPerFETTM Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com