Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMB50A6C Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PTMB50A6C
Description  IGBT Module-Six-Pack
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PTMB50A6C Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PTMB50A6C Datasheet HTML 1Page - Nihon Inter Electronics Corporation PTMB50A6C Datasheet HTML 2Page - Nihon Inter Electronics Corporation PTMB50A6C Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PTMB50A6C
PTMB50A6C
PTMB50A6C
PTMB50A6C
2
5
10
20
50
100
200
500
0.05
0.1
0.2
0.5
1
2
5
Series Gate Impedance RG (Ω)
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
VCC=300V
IC=50A
VG=±15V
TC=25℃
tf
tr
ton
toff
01
234
0
10
20
30
40
50
60
70
80
90
100
Forward Voltage VF (V)
Fig.8- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25℃
TC=125℃
0
100
200
300
400
2
5
10
20
50
100
200
500
-di/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=50A
TC=25℃
0
200
400
600
800
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
Collector to Emitter Voltage V CE (V)
Fig.10- Reverse Bias Safe Operating Area (Typical)
RG=15Ω
VGE=±15V
TC≦125℃


Similar Part No. - PTMB50A6C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PTMB50A6 NIEC-PTMB50A6 Datasheet
111Kb / 3P
   IGBT MODULE Six-Pack 50A 600V
More results

Similar Description - PTMB50A6C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PTMB50E6C NIEC-PTMB50E6C Datasheet
320Kb / 4P
   IGBT Module-Six Pack
PTMB75A6C NIEC-PTMB75A6C Datasheet
125Kb / 3P
   IGBT Module-Six Pack
PTMB100E6C NIEC-PTMB100E6C Datasheet
333Kb / 4P
   IGBT Module-Six Pack
PTMB75E6C NIEC-PTMB75E6C Datasheet
328Kb / 4P
   IGBT Module-Six Pack
PTMB150E6C NIEC-PTMB150E6C Datasheet
328Kb / 4P
   IGBT Module-Six Pack
PTMB100B12 NIEC-PTMB100B12 Datasheet
131Kb / 3P
   IGBT MODULE Six-Pack 100A 1200V
PTMB75A6 NIEC-PTMB75A6 Datasheet
124Kb / 3P
   IGBT MODULE Six-Pack 75A 600V
PTMB50B12 NIEC-PTMB50B12 Datasheet
130Kb / 3P
   IGBT MODULE Six-Pack 50A 1200V
PTMB75B12 NIEC-PTMB75B12 Datasheet
135Kb / 3P
   IGBT MODULE Six-Pack 75A 1200V
PTMB100A6 NIEC-PTMB100A6 Datasheet
124Kb / 3P
   IGBT MODULE Six-Pack 100A 600V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com