Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD232726B8J-D43 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMD232726B8J-D43
Description  Unbuffered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232726B8J-D43 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMD232726B8J-D43 Datasheet HTML 4Page - Hynix Semiconductor HYMD232726B8J-D43 Datasheet HTML 5Page - Hynix Semiconductor HYMD232726B8J-D43 Datasheet HTML 6Page - Hynix Semiconductor HYMD232726B8J-D43 Datasheet HTML 7Page - Hynix Semiconductor HYMD232726B8J-D43 Datasheet HTML 8Page - Hynix Semiconductor HYMD232726B8J-D43 Datasheet HTML 9Page - Hynix Semiconductor HYMD232726B8J-D43 Datasheet HTML 10Page - Hynix Semiconductor HYMD232726B8J-D43 Datasheet HTML 11Page - Hynix Semiconductor HYMD232726B8J-D43 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Rev. 0.1/Oct. 02
8
HYMD232726B(L)8-M/K/H/L
DC CHARACTERISTICS II (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Parameter
Symbol
Test Condition
Speed
Unit Note
-M
-K
-H
-L
Operating Current
IDD0
One bank; Active Precharge; tRC=tRC(min);
tCK= tCK(min); DQ,DM and DQS inputs
changing twice per clock cycle; address and
control inputs changing once per clock cycle
1080
990
990
900
mA
Operating Current
IDD1
One bank; Active - Read - Precharge; Burst
Length=2; tRC=tRC(min); tCK=tCK(min);
address and control inputs changing once per
clock cycle
1080
990
990
900
mA
Precharge Power Down
Standby Current
IDD2P
All banks idle; Power down - mode; CKE=Low,
tCK=tCK(min)
90
1080
Idle Standby Current
IDD2F
/CS=High, All banks idle; tCK=tCK(min); CKE=
High; address and control inputs changing
once per clock cycle. VIN=VREF for DQ, DQS
and DM
450
405
405
360
mA
Active Power Down
Standby Current
IDD3P
One bank active; Power down mode;
CKE=Low, tCK=tCK(min)
135
mA
Active Standby Current
IDD3N
/CS=HIGH; CKE=HIGH; One bank; Active-
Precharge; tRC=tRAS(max); tCK=tCK(min);
DQ, DM and DQS inputs changing twice per
clock cycle; Address and other control inputs
changing once per clock cycle
540
495
495
450
mA
Operating Current
IDD4R
Burst=2; Reads; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min);
IOUT=0mA
1530
1350
1350
1260
mA
Operating Current
IDD4W
Burst=2; Writes; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min); DQ, DM
and DQS inputs changing twice per clock cycle
1620
1530
1530
1440
Auto Refresh Current
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at
100Mhz, 10*tCK for DDR266A & DDR266B at
133Mhz; distributed refresh
1620
1530
1530
1440
Self Refresh Current
IDD6
CKE=<0.2V; External clock on;
tCK=tCK(min)
Normal
27
mA
Low Power
13.5
mA
Operating Current - Four
Bank Operation
IDD7
Four bank interleaving with BL=4 Refer to the
following page for detailed test condition
2430
2340
2340
2250
mA


Similar Part No. - HYMD232726B8J-D43

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232726B8-H HYNIX-HYMD232726B8-H Datasheet
231Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726B8-K HYNIX-HYMD232726B8-K Datasheet
231Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726B8-L HYNIX-HYMD232726B8-L Datasheet
231Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726B8-M HYNIX-HYMD232726B8-M Datasheet
231Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD232726B8J-D43

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT6472AG MICRON-MT9VDDT6472AG Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT3272AY MICRON-MT9VDDT3272AY Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com