Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD232646CL8-K Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMD232646CL8-K
Description  Unbuffered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232646CL8-K Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMD232646CL8-K Datasheet HTML 1Page - Hynix Semiconductor HYMD232646CL8-K Datasheet HTML 2Page - Hynix Semiconductor HYMD232646CL8-K Datasheet HTML 3Page - Hynix Semiconductor HYMD232646CL8-K Datasheet HTML 4Page - Hynix Semiconductor HYMD232646CL8-K Datasheet HTML 5Page - Hynix Semiconductor HYMD232646CL8-K Datasheet HTML 6Page - Hynix Semiconductor HYMD232646CL8-K Datasheet HTML 7Page - Hynix Semiconductor HYMD232646CL8-K Datasheet HTML 8Page - Hynix Semiconductor HYMD232646CL8-K Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HYMD232646C(L)8-M/K/H/L
Rev. 0.1 / Mar. 2003
3
FUNCTIONAL BLOCK DIAGRAM
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
D0
/CS
DM
DM0
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS0
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
D1
/CS
DM
DM1
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS1
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
D2
/CS
DM
DM2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS2
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
D3
/CS
DM
DM3
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS3
D4
CS
DM
DM4
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
D5
/CS
DM
DM5
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS5
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
D6
/CS
DM
DM6
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS6
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
D7
/CS
DM
DM7
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
D4
DM
DQS
DQS4
/CS0
BA0-BA1
BA0-BA1 : SDRAMs D0 – D7
A0 - A12
A0 - A12 : SDRAMs D0 – D7
/RAS
/RAS : SDRAMs D0 – D7
/CAS
/CAS : SDRAMs D0 - D7
CKE0
CKE : SDRAMs D0 – D7
/WE
/WE : SDRAMs D0 – D7
Notes:
1. DQ-to-I/O wiring is shown as recommended
but may be changed
2. DQ/DQS/DM/CKE/S relationships must be
maintained as shown
3. DQ, DQS, DM/DQS resistors : 22Ohms+/-5%
4. VDDID strap connections
(for memory device VDD, VDDQ) :
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD= VDDQ
VDD/VDDQ
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 – D7
D0 – D7
D0 – D7
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
*Clock Wiring
Clock Input
SDRAMs
*CK0,/CK0
*CK1,/CK1
*CK2,/CK2
2 SDRAMs
3 SDRAMs
3 SDRAMs
* Wire per clock loading table/wiring diagrams
SCL
WP
Serial PD
A0
A1
A2
SA0
SA1
SA2
SDA
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
D0
/CS
DM
DM0
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS0
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
D1
/CS
DM
DM1
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS1
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
D2
/CS
DM
DM2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS2
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
D3
/CS
DM
DM3
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS3
D4
CS
DM
DM4
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
D5
/CS
DM
DM5
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS5
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
D6
/CS
DM
DM6
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS6
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
D7
/CS
DM
DM7
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DQS
DQS7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
D4
DM
DQS
DQS4
/CS0
BA0-BA1
BA0-BA1 : SDRAMs D0 – D7
A0 - A12
A0 - A12 : SDRAMs D0 – D7
/RAS
/RAS : SDRAMs D0 – D7
/CAS
/CAS : SDRAMs D0 - D7
CKE0
CKE : SDRAMs D0 – D7
/WE
/WE : SDRAMs D0 – D7
Notes:
1. DQ-to-I/O wiring is shown as recommended
but may be changed
2. DQ/DQS/DM/CKE/S relationships must be
maintained as shown
3. DQ, DQS, DM/DQS resistors : 22Ohms+/-5%
4. VDDID strap connections
(for memory device VDD, VDDQ) :
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD= VDDQ
Notes:
1. DQ-to-I/O wiring is shown as recommended
but may be changed
2. DQ/DQS/DM/CKE/S relationships must be
maintained as shown
3. DQ, DQS, DM/DQS resistors : 22Ohms+/-5%
4. VDDID strap connections
(for memory device VDD, VDDQ) :
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD= VDDQ
VDD/VDDQ
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 – D7
D0 – D7
D0 – D7
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD/VDDQ
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 – D7
D0 – D7
D0 – D7
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 – D7
D0 – D7
D0 – D7
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
*Clock Wiring
Clock Input
SDRAMs
*CK0,/CK0
*CK1,/CK1
*CK2,/CK2
2 SDRAMs
3 SDRAMs
3 SDRAMs
* Wire per clock loading table/wiring diagrams
*Clock Wiring
Clock Input
SDRAMs
*CK0,/CK0
*CK1,/CK1
*CK2,/CK2
2 SDRAMs
3 SDRAMs
3 SDRAMs
* Wire per clock loading table/wiring diagrams
SCL
WP
Serial PD
A0
A1
A2
SA0
SA1
SA2
SDA
SCL
WP
Serial PD
A0
A1
A2
SA0
SA1
SA2
SDA


Similar Part No. - HYMD232646CL8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232646C8J-D4 HYNIX-HYMD232646C8J-D4 Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-D43 HYNIX-HYMD232646C8J-D43 Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD232646CL8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT6472AG MICRON-MT9VDDT6472AG Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT3272AY MICRON-MT9VDDT3272AY Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com