Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27US16121B Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HY27US16121B
Description  512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27US16121B Datasheet(HTML) 1 Page - Hynix Semiconductor

  HY27US16121B Datasheet HTML 1Page - Hynix Semiconductor HY27US16121B Datasheet HTML 2Page - Hynix Semiconductor HY27US16121B Datasheet HTML 3Page - Hynix Semiconductor HY27US16121B Datasheet HTML 4Page - Hynix Semiconductor HY27US16121B Datasheet HTML 5Page - Hynix Semiconductor HY27US16121B Datasheet HTML 6Page - Hynix Semiconductor HY27US16121B Datasheet HTML 7Page - Hynix Semiconductor HY27US16121B Datasheet HTML 8Page - Hynix Semiconductor HY27US16121B Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
32Mx64 bits
Unbuffered DDR SDRAM DIMM
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.2/Dec. 02
1
HYMD232646B(L)8-M/K/H/L
DESCRIPTION
Hynix HYMD232646B(L)8-M/K/H/L series is unbuffered 184-pin double data rate Synchronous DRAM Dual In-Line
Memory Modules(DIMMs) which are organized as 32Mx64 high-speed memory arrays. Hynix HYMD232646B(L)8-M/
K/H/L series consists of eight 32Mx8 DDR SDRAM in 400mil TSOP II packages on a 184pin glass-epoxy sub-
strate.Hynix HYMD232646B(L)8-M/K/H/L series provide a high performance 8-byte interface in 5.25" width form factor
of industry standard. It is suitable for easy interchange and addition.
Hynix HYMD232646B(L)8-M/K/H/L series is designed for high speed of up to 133MHz and offers fully synchronous
operations referenced to both rising and falling edges of differential clock inputs. While all addresses and control inputs
are latched on the rising edges of the clock, Data, Data strobes and Write data masks inputs are sampled on both ris-
ing and falling edges of it. The data paths are internally pipelined and 2-bit prefetched to achieve very high bandwidth.
All input and output voltage levels are compatible with SSTL_2. High speed frequencies, programmable latencies and
burst lengths allow variety of device operation in high performance memory system.
Hynix HYMD232646B(L)8-M/K/H/L series incorporates SPD(serial presence detect). Serial presence detect function is
implemented via a serial 2,048-bit EEPROM. The first 128 bytes of serial PD data are programmed by Hynix to identify
DIMM type, capacity and other the information of DIMM and the last 128 bytes are available to the customer.
FEATURES
ORDERING INFORMATION
Part No.
Power Supply
Clock Frequency
Interface
Form Factor
HYMD232646B(L)8-M
VDD=2.5V
VDDQ=2.5V
133MHz (*DDR266:2-2-2)
SSTL_2
184pin Unbuffered DIMM
5.25 x 1.25 x 0.15 inch
HYMD232646B(L)8-K
133MHz (*DDR266A)
HYMD232646B(L)8-H
133MHz (*DDR266B)
HYMD232646B(L)8-L
100MHz (*DDR200)
256MB (32M x 64) Unbuffered DDR DIMM based on
32Mx8 DDR SDRAM
JEDEC Standard 184-pin dual in-line memory mod-
ule (DIMM)
2.5V +/- 0.2V VDD and VDDQ Power supply
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock operations (CK & /CK) with
100MHz/125MHz/133MHz
All addresses and control inputs except Data, Data
strobes and Data masks latched on the rising edges
of the clock
Data(DQ), Data strobes and Write masks latched on
both rising and falling edges of the clock
Data inputs on DQS centers when write (centered
DQ)
Data strobes synchronized with output data for read
and input data for write
Programmable CAS Latency 2 / 2.5 supported
Programmable Burst Length 2 / 4 / 8 with both
sequential and interleave mode
tRAS Lock-out function supported
Internal four bank operations with single pulsed RAS
Auto refresh and self refresh supported
8192 refresh cycles / 64ms
* JEDEC Defined Specifications compliant


Similar Part No. - HY27US16121B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27US16121A HYNIX-HY27US16121A Datasheet
419Kb / 49P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27US16121M HYNIX-HY27US16121M Datasheet
729Kb / 43P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
More results

Similar Description - HY27US16121B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SS08121A HYNIX-HY27SS08121A Datasheet
419Kb / 49P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27US08121M HYNIX-HY27US08121M Datasheet
729Kb / 43P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
logo
Hynix Semiconductor
HY27UF082G2B HYNIX-HY27UF082G2B Datasheet
411Kb / 54P
   2Gb NAND FLASH
HY27UG088G5B HYNIX-HY27UG088G5B Datasheet
380Kb / 53P
   8Gb NAND FLASH
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
   MLC Nand Flash
logo
A-Data Technology
GAMMIXS10 A-DATA-GAMMIXS10 Datasheet
291Kb / 2P
   3D NAND Flash
logo
Hynix Semiconductor
HY27UF084G2M HYNIX-HY27UF084G2M Datasheet
342Kb / 49P
   4Gbit (512Mx8bit) NAND Flash
logo
A-Data Technology
SD700 A-DATA-SD700 Datasheet
1Mb / 2P
   Quality 3D NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com