Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27US08121B Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY27US08121B
Description  512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27US08121B Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY27US08121B Datasheet HTML 2Page - Hynix Semiconductor HY27US08121B Datasheet HTML 3Page - Hynix Semiconductor HY27US08121B Datasheet HTML 4Page - Hynix Semiconductor HY27US08121B Datasheet HTML 5Page - Hynix Semiconductor HY27US08121B Datasheet HTML 6Page - Hynix Semiconductor HY27US08121B Datasheet HTML 7Page - Hynix Semiconductor HY27US08121B Datasheet HTML 8Page - Hynix Semiconductor HY27US08121B Datasheet HTML 9Page - Hynix Semiconductor HY27US08121B Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HYMD232646B(L)8-M/K/H/L
Rev. 0.2/Dec. 02
6
CAPACITANCE (TA=25oC, f=100MHz )
Note :
1. VDD = min. to max., VDDQ = 2.3V to 2.7V, VODC = VDDQ/2, VOpeak-to-peak = 0.2V
2. Pins not under test are tied to GND.
3. These values are guaranteed by design and are tested on a sample basis only.
OUTPUT LOAD CIRCUIT
Parameter
Pin
Symbol
Min
Max
Unit
Input Capacitance
A0 ~ A12, BA0, BA1
CIN1
58
72
pF
Input Capacitance
/RAS, /CAS, /WE
CIN2
58
72
pF
Input Capacitance
CKE0
CIN3
58
72
pF
Input Capacitance
CS0
CIN4
58
72
pF
Input Capacitance
CK0, /CK0, CK1, /CK1, CK2,/CK2
CIN5
25
40
pF
Input Capacitance
DM0 ~ DM7
CIN6
812
pF
Data Input / Output Capacitance
DQ0 ~ DQ63, DQS0 ~ DQS7
CIO1
7.89
12
pF
VREF
VTT
RT=50Ω
Zo=50Ω
CL=30pF
Output


Similar Part No. - HY27US08121B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27US08121A HYNIX-HY27US08121A Datasheet
419Kb / 49P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27US08121M HYNIX-HY27US08121M Datasheet
729Kb / 43P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
More results

Similar Description - HY27US08121B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SS08121A HYNIX-HY27SS08121A Datasheet
419Kb / 49P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27US08121M HYNIX-HY27US08121M Datasheet
729Kb / 43P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
logo
Hynix Semiconductor
HY27UF082G2B HYNIX-HY27UF082G2B Datasheet
411Kb / 54P
   2Gb NAND FLASH
HY27UG088G5B HYNIX-HY27UG088G5B Datasheet
380Kb / 53P
   8Gb NAND FLASH
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
   MLC Nand Flash
logo
A-Data Technology
GAMMIXS10 A-DATA-GAMMIXS10 Datasheet
291Kb / 2P
   3D NAND Flash
logo
Hynix Semiconductor
HY27UF084G2M HYNIX-HY27UF084G2M Datasheet
342Kb / 49P
   4Gbit (512Mx8bit) NAND Flash
logo
A-Data Technology
SD700 A-DATA-SD700 Datasheet
1Mb / 2P
   Quality 3D NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com