Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSEI2x161 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSEI2x161
Description  Fast Recovery Epitaxial Diode (FRED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSEI2x161 Datasheet(HTML) 2 Page - Powersem GmbH

  PSEI2x161 Datasheet HTML 1Page - Powersem GmbH PSEI2x161 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECO-PACTM 2
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Package style and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSEI2x161

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2x161 POWERSEM-PSEI2x161 Datasheet
86Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEI2x161 POWERSEM-PSEI2x161 Datasheet
84Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEI2X161-02 POWERSEM-PSEI2X161-02 Datasheet
86Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEI2X161-12 POWERSEM-PSEI2X161-12 Datasheet
84Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
More results

Similar Description - PSEI2x161

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI60-12A IXYS-DSEI60-12A Datasheet
52Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI12 IXYS-DSEI12 Datasheet
77Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-12 IXYS-DSEI2X61-12 Datasheet
136Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI30-10AR IXYS-DSEI30-10AR Datasheet
89Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEI2X61-02 POWERSEM-PSEI2X61-02 Datasheet
126Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEI2X61-12 POWERSEM-PSEI2X61-12 Datasheet
142Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEK60-02 POWERSEM-PSEK60-02 Datasheet
97Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
IXYS Corporation
DSEI2X161-02P IXYS-DSEI2X161-02P Datasheet
49Kb / 1P
   Fast Recovery Epitaxial Diode (FRED)
DSEI2X30-06P IXYS-DSEI2X30-06P Datasheet
239Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEK6006 POWERSEM-PSEK6006 Datasheet
97Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com