Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSEI2x161 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSEI2x161
Description  Fast Recovery Epitaxial Diode (FRED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSEI2x161 Datasheet(HTML) 1 Page - Powersem GmbH

  PSEI2x161 Datasheet HTML 1Page - Powersem GmbH PSEI2x161 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery
PSEI 2x161
I
FAVM
= 2x 147 A
Epitaxial Diode (FRED)
V
RRM
= 600 V
t
rr
= 35 ns
Features
2 independent FRED in 1 package
Isolation voltage 3600 V
Planar glass passivated chips
Low forward voltage drop
Leads suitable for PC board
soldering
Very short recovery time
Soft recovery behaviour
UL registered, E 148688
Applications
Antiparallel diode for high frequency
switching devices
Anti saturation diode
Snubber diode
Free wheeling diode in converters
and motor control circuits
Rectifiers in switch mode power
supplies (SMPS)
Inductive heating and melting
Uninterruptible power supplies (UPS)
Ultrasonic cleaners and welders
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
Low noise switching
Small and light weight
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Data according to IEC 60747 refer to a single diode
unless otherwise stated
*IFAVM rating includes blocking losses at TVJM;
VR=0.8 VRRM; duty cycle d=0.5
Preliminary Data Sheet
V
RSM
V
RRM
Type
(V)
(V)
600
600 PSEI 2x161/06
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
270
A
I
FAVM*
T
C = 70 °C, rectangular, d=0.5
147
A
I
FSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
1200
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1300
A
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
1080
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1170
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
7200
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
7100
A²s
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
5800
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
5700
A²s
T
VJ
-40... + 150
°C
T
VJM
150
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
I
ISOL ≤ 1 mA
t = 1 s
3600
V
M
d
Mounting torque
(M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
Weight
typ.
24
g
Symbol
Test Conditions
Characteristic Value
I
R
T
VJ = 25°C,
V
R=VRRM
max.
12
mA
T
VJ = 25°C,
V
R=0.8
.V
RRM
max.
3
mA
T
VJ = 125°C, V
R=0.8
.V
RRM
max.
80
mA
V
F
I
F = 200 A,
T
VJ = 25 °C
max.
1.45
V
V
TO
For power-loss calculations only
0.85
V
r
T
2.7
m
R
thJC
per diode; max.
0.29
K/W
R
thCH
per diode; typ.
0.2
K/W
I
RM
I
F=100A; -diF/dt=200A/µs; VR=100V
typ. 45
A
L
≤0.05 mH; T
VJ= 100°C
t
rr
I
F=1A; -diF/dt=400A/µs; VR=30V;
typ. 35
ns
T
VJ= 25°C
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
11.2
mm
a
Max. allowable acceleration
50
m/s²
AC-1
IK-10
LN-9
VX-18


Similar Part No. - PSEI2x161

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2x161 POWERSEM-PSEI2x161 Datasheet
86Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEI2x161 POWERSEM-PSEI2x161 Datasheet
84Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEI2X161-02 POWERSEM-PSEI2X161-02 Datasheet
86Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEI2X161-12 POWERSEM-PSEI2X161-12 Datasheet
84Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
More results

Similar Description - PSEI2x161

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI60-12A IXYS-DSEI60-12A Datasheet
52Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI12 IXYS-DSEI12 Datasheet
77Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-12 IXYS-DSEI2X61-12 Datasheet
136Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI30-10AR IXYS-DSEI30-10AR Datasheet
89Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEI2X61-02 POWERSEM-PSEI2X61-02 Datasheet
126Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEI2X61-12 POWERSEM-PSEI2X61-12 Datasheet
142Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEK60-02 POWERSEM-PSEK60-02 Datasheet
97Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
IXYS Corporation
DSEI2X161-02P IXYS-DSEI2X161-02P Datasheet
49Kb / 1P
   Fast Recovery Epitaxial Diode (FRED)
DSEI2X30-06P IXYS-DSEI2X30-06P Datasheet
239Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEK6006 POWERSEM-PSEK6006 Datasheet
97Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com