Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD150F-12 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSD150F-12
Description  Three Phase Three Phase
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSD150F-12 Datasheet(HTML) 1 Page - Powersem GmbH

  PSD150F-12 Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Three Phase
PSD 150F
I
dAV
= 130 A
Rectifier Bridge
V
RRM
= 800 - 1200 V
with fast Recovery Epitaxial Diode (FRED)
trr
= 40 ns
Preliminary Data Sheet
Features
Package with DCB ceramic base plate
Isolation voltage 3000 V
Planar glass passivated chips
Low forward voltage drop
Leads suitable for PC board
soldering
UL registered, E 148688
Applications
Supplies for DC power equipment
Input and output rectifier for high
frequency
Battery DC power supplies
Field supply for DC motors
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
Low noise switching
Small and light weight
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Data according to IEC 60747 refer to a single diode unless otherwise stated
*- for resistive load at bridge output
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Characteristic Value
I
R
V
R = VRRM, TVJ = TVJM
2.5
mA
V
R = VRRM, TVJ = 25°C
0.65
mA
V
F
I
F = 60 A, TVJ = 25 °C
2.75
V
V
TO
For power-loss calculations only
1.12
V
r
T
5.7
m
R
thJC
per diode; DC
0.85
K/W
per module
0.14
K/W
R
thJK
per diode; DC
1.0
K/W
per module
0.16
K/W
I
RM
I
F=130A; -diF/dt=100A/µs; VR=100V
typ. 7.8
A
L=0.05 mH; T
VJ= 100°C
t
rr
I
F=1A; -diF/dt=200A/µs; VR=30V;
typ. 40
ns
T
VJ= 25°C
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
9.45
mm
a
Max. allowable acceleration
50
m/s²
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
800
800 PSD 150F/08
1200 1200
PSD 150F/12
~ L9
EG
~ A1
~ K10
-
+
PS
Symbol
Test Conditions
Maximum Ratings
I*
dAV
T
C = 75 °C,
(per module)
130
A
I
FSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
550
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
450
A
V
R = 0
t = 8.3 ms (60 Hz), sine
500
A
∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
1250
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
1250
A²s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1010
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
1040
A²s
T
VJ
-40... + 150
°C
T
VJM
150
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
3000
V
I
ISOL ≤ 1 mA
t = 1 s
3600
V
M
d
Mounting torque
(M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
Weight
typ.
22
g


Similar Part No. - PSD150F-12

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSD150F-06 POWERSEM-PSD150F-06 Datasheet
395Kb / 1P
   Three Phase Rectifier Bridge
More results

Similar Description - PSD150F-12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MTP3-PHASE IRF-MTP3-PHASE Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
logo
PULS GmbH
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
   THREE-PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
   THREE PHASE INPUT
logo
International Rectifier
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
   Three Phase Bridge
Revision: 03-Mar-14
logo
Semikron International
SKS1200FB6C820V16 SEMIKRON-SKS1200FB6C820V16 Datasheet
203Kb / 3P
   Three-phase controlled
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
   THREE PHASE BRIDGE
logo
Semikron International
IGD-4-424-P1F7-BL-FA SEMIKRON-IGD-4-424-P1F7-BL-FA Datasheet
495Kb / 5P
   Three phase inverter
IGD-8-424-P1F9-BH-FA SEMIKRON-IGD-8-424-P1F9-BH-FA Datasheet
531Kb / 5P
   Three phase inverter
logo
PULS GmbH
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
   THREE PHASE INPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com