Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSW1C205 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSW1C205
Description  Single Phase AC Controller Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSW1C205 Datasheet(HTML) 2 Page - Powersem GmbH

  PSW1C205 Datasheet HTML 1Page - Powersem GmbH PSW1C205 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECO-PACTM 2
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2006 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Characteristic Value
I
D,IR
T
VJ = 125°C, VR = VRRM, V
D=VDRM
5
mA
V
T
I
T = 300 A,
T
VJ = 25 °C
1.5
V
V
TO
For power-loss calculations only
0.8
V
r
T
2.4
m
V
GT
V
D=6V
T
VJ= 25°C
1.5
V
T
VJ=-40°C
1.6
V
I
GT
V
D=6V
T
VJ= 25°C
150
mA
T
VJ=-40°C
200
mA
V
GD
T
VJ= 125°C
V
D=2/3VDRM
0.2
V
I
GD
T
VJ= 125°C
V
D=2/3VDRM
10
mA
I
L
T
VJ= 25°C, tP=10µs
450
mA
I
G=0.45A, diG/dt=0.45A/µs
I
H
T
VJ= 25°C, VD=6V, RGK= ∞≤
200
mA
t
gd
T
VJ= 25°C, VD=1/2VDRM
2
µs
I
G=0.45A, diG/dt=0.45A/µs
R
thJC
per thyristor; DC
0.26
K/W
per module
0.13
K/W
R
thJK
per thyristor; sine 180° el
0.46
K/W
per module
0.23
K/W
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
17.0
mm
a
Max. allowable acceleration
50
m/s²
Package style and outline
Dimensions in mm (1mm = 0.0394“)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
W1C
W1H
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18


Similar Part No. - PSW1C205

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSW1C20506 POWERSEM-PSW1C20506 Datasheet
150Kb / 2P
   Single Phase AC Controller Modules
PSW1C20508 POWERSEM-PSW1C20508 Datasheet
150Kb / 2P
   Single Phase AC Controller Modules
PSW1C20512 POWERSEM-PSW1C20512 Datasheet
150Kb / 2P
   Single Phase AC Controller Modules
PSW1C20514 POWERSEM-PSW1C20514 Datasheet
150Kb / 2P
   Single Phase AC Controller Modules
PSW1C20516 POWERSEM-PSW1C20516 Datasheet
150Kb / 2P
   Single Phase AC Controller Modules
More results

Similar Description - PSW1C205

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSW1C140 POWERSEM-PSW1C140 Datasheet
122Kb / 2P
   Single Phase AC Controller Modules
PSW1C140PSW1H140 POWERSEM-PSW1C140PSW1H140 Datasheet
122Kb / 2P
   Single Phase AC Controller Modules
PSW1C205PSW1H205 POWERSEM-PSW1C205PSW1H205 Datasheet
150Kb / 2P
   Single Phase AC Controller Modules
PSW1C175 POWERSEM-PSW1C175 Datasheet
121Kb / 2P
   Single Phase AC Controller Modules
PSW1C70 POWERSEM-PSW1C70 Datasheet
137Kb / 2P
   Single Phase AC Controller Modules
PSW1C110 POWERSEM-PSW1C110 Datasheet
122Kb / 2P
   Single Phase AC Controller Modules
PSW1C175PSW1H175 POWERSEM-PSW1C175PSW1H175 Datasheet
121Kb / 2P
   Single Phase AC Controller Modules
PSW1C100 POWERSEM-PSW1C100 Datasheet
137Kb / 2P
   Single Phase AC Controller Modules
PSW1C110PSW1H110 POWERSEM-PSW1C110PSW1H110 Datasheet
122Kb / 2P
   Single Phase AC Controller Modules
PSW1C25 POWERSEM-PSW1C25 Datasheet
137Kb / 2P
   Single Phase AC Controller Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com