Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSTG25HDT12 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSTG25HDT12
Description  Powerline N-Channel Trench Gate-IGBT Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSTG25HDT12 Datasheet(HTML) 1 Page - Powersem GmbH

  PSTG25HDT12 Datasheet HTML 1Page - Powersem GmbH PSTG25HDT12 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECO-PACTM 1
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Powerline N-Channel
PSTG 25HDT12
Trench Gate-
VCES
= 1200 V
IGBT Module
VCE(sat)
= 1.9 V
IC25
= 35 A
IC75
= 25 A
ICM
= 75 A
tSC
= 10 µs
Symbol Test Conditions
Maximum Ratings
VCES
TVJ = 25°C to 150°C
1200
V
VGES
continous
±20
V
IC25
TC = 25°C;
35
A
IC75
TC = 75°C;
25
A
ICM
TC = 75°C;
75
A
Ptot
TC = 75°C
45
W
tSC
VCE = 80 VCES, RG = 10 Ω, VGE = ±15 V
TVJ = 125°C, non-repetitive
10
µs
TVJ
-40...+150
°C
Tstg
-40...+125
°C
RthJC
IGBT-per devices
1.65
K/W
RthJC
Diode-per devices
4.0
K/W
VISOL
IISOL ≤ 1 mA, 50/60 Hz, t= 1 min.
180° sine
3000
V~
MD
Mounting torque (M4)
1.5-1.8
Nm
typ.
min.
dS
Creepage distance on surface
11.2
mm
dA
Strike distance through air
4.0
mm
Weight
typ.
16
g
Features
• Package with DCB ceramic base
plate and soldering pins for PCB
mounting
• Isolation voltage over 3000 V∼
• Trench Gate
• Enhancement Mode N-Channel
Device
• Non Punch through Structure
• High Switching Speed
• Low On-state Saturation Voltage
• High Input Impedance Simplifies
Gate Drive
• Latch-Free Operation
• Fully Short Circuit Rated to 10 µs
• Wide RBSOA
Applications
• High Frequency Inverters
• Motor Control
• Switch Mode Power Supplies
• High Frequency Welding
• UPS Systems
• PWM Drives
Caution: These devices are sensitive to electrostatic discharge. Users should observe proper ESD handling
precautions.
MB
H
C
L N
A
G
NTC
Preliminary Data Sheet


Similar Part No. - PSTG25HDT12

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSTG25HDT MEDER-PSTG25HDT Datasheet
129Kb / 2P
   Powerline N-Channel Trench Gate IGBT Module
logo
Powersem GmbH
PSTG25HDT POWERSEM-PSTG25HDT Datasheet
129Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
More results

Similar Description - PSTG25HDT12

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSTG25HDT MEDER-PSTG25HDT Datasheet
129Kb / 2P
   Powerline N-Channel Trench Gate IGBT Module
logo
Powersem GmbH
PSTG75HST POWERSEM-PSTG75HST Datasheet
152Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG75HST12 POWERSEM-PSTG75HST12 Datasheet
147Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG50HST12 POWERSEM-PSTG50HST12 Datasheet
143Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG25HTT POWERSEM-PSTG25HTT Datasheet
219Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG25HDT POWERSEM-PSTG25HDT Datasheet
129Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG50HST POWERSEM-PSTG50HST Datasheet
143Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG25HTT12 POWERSEM-PSTG25HTT12 Datasheet
219Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Triple Module
PSTG25HTT POWERSEM-PSTG25HTT Datasheet
219Kb / 2P
   Powerline N-Channel Trench Gate- IGBT Triple Module
logo
Dynex Semiconductor
GP400DDS12 DYNEX-GP400DDS12 Datasheet
100Kb / 10P
   Powerline N-Channel Dual Switch IGBT Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com