Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSKT161 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSKT161
Description  Thyristor/Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSKT161 Datasheet(HTML) 1 Page - Powersem GmbH

  PSKT161 Datasheet HTML 1Page - Powersem GmbH PSKT161 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Thyristor Modules
Thyristor/Diode Modules
I
TRMS
= 2x 300 A
I
TAVM
= 2x 165 A
V
RRM
= 2000-2200 V
Features
International standard package
Direct copper bonded Al
2O3 -ceramic
base plate
Planar passivated chips
Isolation voltage 3600 V~
UL registered, E 148688
Keyed gate/cathode twin pins
Applications
Motor control
Power converter
Heat and temperature control for
industrial furnaces and chemical
processes
Lighting control
Contactless switche
s
Advantages
Space and weight savings
Simple mounting with two screws
Improved temperature and power
cycling capability
Reduced protection circuits
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
PSKT 161
PSKH 161
PSKH
PSKT
36 7 1
5 4 2
31
5 4 2
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
Version 1
Version 1
2100
2000
PSKT 161/20io1
PSKH 161/20io1
2300
2200
PSKT 161/22io1
PSKH 161/22io1
3
1
2
6 7
5
4
Symbol
Test Conditions
Maximum Ratings
I
TRMS
T
VJ = TVJM
A
I
TAVM
T
C = 85°C; 180° sine
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz)
A
V
R = 0
t = 8.3 ms (60 Hz)
A
T
VJ = TVJM
t = 10 ms (50 Hz)
A
V
R = 0
t = 8.3 ms (60 Hz)
A
∫∫∫∫∫i2dt
T
VJ = 45°C
t = 10 ms (50 Hz)
A2s
V
R = 0
t = 8.3 ms (60 Hz)
A2s
T
VJ = TVJM
t = 10 ms (50 Hz)
A2s
V
R = 0
t = 8.3 ms (60 Hz)
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive,
I
T =
A
A/µs
f = 50 Hz, t
P = 200 µs
V
D = 2/3 VDRM
I
G
=
A,
non repetitive, I
T = ITAVM
A/µs
di
G/dt =
A/µs
(dv/dt)
cr
T
VJ = TVJM; VDR = 2/3 VDRM
V/µs
R
GK = ∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30 µs
W
I
T
= I
TAVM
t
P = 500 µs
W
P
GAV
W
V
RGM
V
T
VJ
°C
T
VJM
°C
T
stg
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
V~
I
ISOL ≤ 1 mA
t = 1 s
V~
M
d
Mounting torque (M6)
Nm/lb.in.
Terminal connection torque (M6)
Nm/lb.in.
Weight
Typical including screws
g
6000
6400
300
165
5250
5600
180000
170000
137000
128000
500
150
0.5
500
0.5
1000
120
60
8
10
-40 ...125
125
-40 ...125
3000
3600
2.25-2.75/20-25
4.5-5.5/40-48
125


Similar Part No. - PSKT161

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKT162 POWERSEM-PSKT162 Datasheet
224Kb / 4P
   Thyristor/Diode Modules
More results

Similar Description - PSKT161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com