Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR2T-3201-N Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # XR2T-3201-N
Description  IC Sockets
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XR2T-3201-N Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button XR2T-3201-N Datasheet HTML 6Page - Omron Electronics LLC XR2T-3201-N Datasheet HTML 7Page - Omron Electronics LLC XR2T-3201-N Datasheet HTML 8Page - Omron Electronics LLC XR2T-3201-N Datasheet HTML 9Page - Omron Electronics LLC XR2T-3201-N Datasheet HTML 10Page - Omron Electronics LLC XR2T-3201-N Datasheet HTML 11Page - Omron Electronics LLC XR2T-3201-N Datasheet HTML 12Page - Omron Electronics LLC XR2T-3201-N Datasheet HTML 13Page - Omron Electronics LLC XR2T-3201-N Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
120
IC Sockets
XR2
XR2P Single-row Round Pin Plugs
Single-row Round Pins for Low-profile Stacking
• Single row with 2.54-mm pitch.
• Low-profile stacking possible in combination with Single-row IC Sockets (XR2C).
• Easily divided into the desired number of contacts.
■ Ratings and Characteristics
Note: The contact and vibration resistance are the values when the
Plug is mated with an XR2C.
■ Materials and Finish
■ Applicable Sockets
■ Dimensions
Rated current
1 A
Rated voltage
300 VAC
Contact resistance
(See note.)
20 m
Ω max. (at 20 mV, 10 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC for 1 min (leakage current:
1mA max.)
Ambient operating
temperature
–55 to 125
°C (with no icing at low temper-
ature)
Base
Fiber-glass reinforced PBT resin
(UL94V-0)/black
Contacts
Mating end
Brass/nickel base with 0.25-
μm gold plat-
ing
Terminal
XR2C-
@@11-N
IC Sockets (single row)
XR2C-3215
IC Socket (single row, low profile)
1.8 dia.
0.45 dia.
0.45 dia.
Terminals (board side)
Mounting holes (bottom view)
Thirty-two, 0.8
±0.05 dia.
XR2P-
@@41
XR2C-
@@11-N
XR2P-3241
XR2C-3215
XR2P-3241
XR2E-3204
XR2P-
@@41
(With DIP straight terminals)
■ Ordering Information
No. of
contacts
Model
10
XR2P-1041
16
XR2P-1641
20
XR2P-2041
32
XR2P-3241
■ Mated Dimensions
XR2P-
@@41 with XR2C-@@11-N
Single-row IC Socket
XR2P-3241 with XR2C-3215
Single-row Low-profile IC Socket
XR2P-3241 with XR2E-3204
Single-row Carrier Socket with
Solder-sleeve Terminals
Dimensions
No. of
contacts
A (mm)
10
22.86
16
38.1
20
48.26
32
78.74


Similar Part No. - XR2T-3201-N

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2001 EXAR-XR2001 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002 EXAR-XR2002 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002CN EXAR-XR2002CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003 EXAR-XR2003 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003CN EXAR-XR2003CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - XR2T-3201-N

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
   IC SOCKETS PLCC
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR Datasheet
135Kb / 1P
   IC SOCKETS PLCC
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
   IC SOCKETS SINGLE & DUAL ROW SOCKETS
logo
List of Unclassifed Man...
2227MC ETC2-2227MC Datasheet
101Kb / 2P
   2227MC Series - IC Sockets
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
   Fits standard IC sockets
logo
Dubilier
DBCIC32TP6 DUBILIER-DBCIC32TP6_11 Datasheet
216Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32TP6 DUBILIER-DBCIC32TP6 Datasheet
121Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
logo
Adam Technologies, Inc.
ICS-320-T ADAM-TECH-ICS-320-T Datasheet
104Kb / 1P
   IC SOCKETS SINGLE & DUAL ROW .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com