Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z-10FW2Y-B Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # Z-10FW2Y-B
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-10FW2Y-B Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button Z-10FW2Y-B Datasheet HTML 8Page - Omron Electronics LLC Z-10FW2Y-B Datasheet HTML 9Page - Omron Electronics LLC Z-10FW2Y-B Datasheet HTML 10Page - Omron Electronics LLC Z-10FW2Y-B Datasheet HTML 11Page - Omron Electronics LLC Z-10FW2Y-B Datasheet HTML 12Page - Omron Electronics LLC Z-10FW2Y-B Datasheet HTML 13Page - Omron Electronics LLC Z-10FW2Y-B Datasheet HTML 14Page - Omron Electronics LLC Z-10FW2Y-B Datasheet HTML 15Page - Omron Electronics LLC Z-10FW2Y-B Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
158
General-purpose Basic Switch
Z
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the “-B” from the end of the part number.
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
49.2
11.9
25.4±0.1
49.6±0.8
23.9
17.45±0.2
OP
FP
4.8
* Stainless-steel spring lever
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
t = 0.3*
9.2
Leaf Spring
Z-15GL-B
* When operating, be sure not
to exceed 1.6 mm.
OF max.
RF min.
*OT min.
MD max.
141 gf
14 gf
1.6 mm
1.3 mm
FP max.
OP
20.6 mm
17.4
±0.8 mm
4.2+0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
49.2
11.9
25.4±0.1
46 ±0.8
23.9
17.45±0.2
OP
FP
* Stainless-steel spring lever
t = 0.3 *
9.5 dia.
× 4
(plastic toller)
9.2
Roller Leaf Spring
Z-15GL2-B
* When operating, be sure not
to exceed 1.6 mm.
OF max.
RF min.
*OT min.
MD max.
141 gf
14 gf
1.6 mm
1.3 mm
FP max.
OP
31.8 mm
28.6
±0.8 mm
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
49.2
11.9
25.4±0.1
26.2
OP
FP
4.9
* Stainless-steel lever
t = 1 *
20.2 16.9
13.9
28
.2R
9.2
Short Hinge Lever
Z-15GW21-B
OF max.
RF min.
OT min.
MD max.
160 gf
28 gf
2 mm
1 mm
FP max.
OP
24.8 mm
19
±0.8 mm
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
49.2
11.9
25.4±0.1
26.2
OP
FP
4.9
* Stainless-steel lever
t = 1 *
20.2 16.9
13.9
63.5R
9.2
Hinge Lever
Z-15GW-B
Z-15GW32-B
Z-15HW-B
Z-10FWY-B
Z-15GW3-B (Lever Length: 56R)*
Model
Z-15GW-B
Z-15HW-B
Z-15GW32-B
Z-10FWY-B
Z-15GW3-B
OF
RF min.
OT min.
MD max.
70 gf max.
14 gf
5.6 mm
1.27 mm
67 gf max.
14 gf
5.6 mm
0.63 mm
150 to 200 gf
93 gf
5.6 mm
1.27 mm
90 gf max.
14 gf
5.6 mm
2.4 mm
80 gf max.
15 gf
4.8 mm
1.12 mm
FP max.
28.2 mm
27.4 mm
28.2 mm
29.8 mm
27.2 mm
OP
19
±0.8 mm
* The external dimensions of the actuator vary.


Similar Part No. - Z-10FW2Y-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Z-10FW22Y55-B OMRON-Z-10FW22Y55-B Datasheet
1Mb / 6P
   Common Accessories
More results

Similar Description - Z-10FW2Y-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com