Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSUH60 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSUH60
Description  Three Phase AC Controller Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSUH60 Datasheet(HTML) 1 Page - Powersem GmbH

  PSUH60 Datasheet HTML 1Page - Powersem GmbH PSUH60 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Three Phase
PSUH 60
IRMS
= 3 x 60 A
AC Controller Modules
VRRM
= 400-1600 V
Preliminary Data Sheet
VRSM
VDSM
VRRM
VDRM
Type
500
400
PSUH 60/04
900
800
PSUH 60/08
1300
1200
PSUH 60/12
1500
1400
PSUH 60/14
*1700
*1600
PSUH 60/16
* Delivery on request
Symbol Test Conditions
Maximum Ratings
IRMS
TC = 85 °C, 50-400 Hz (per phase)
60
A
ITRMS
TVJ = TVJM
43
A
ITAVM
TC = 85 °C
180° sine
27
A
ITSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
550
A
VR = 0
t = 8.3 ms (60 Hz), sine
600
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
500
A
VR = 0
t = 8.3 ms (60 Hz), sine
550
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1520
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1520
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1250
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1250
A
2 s
(di/dt)cr
TVJ = TJVM
repetitive, IT = 25 A
150
A/
µs
f = 50Hz, tP = 200µs
VD = 2/3 VDRM
IG = 0.45 A
non repetitive, IT = ITAVM
500
A/
µs
diG/dt = 0.45 A/µs
(dv/dt)cr
TVJ = TVJM
VDR = 2/3 VDRM
1000
V/
µs
RGK = ∞, method 1 (linear voltage rise)
PGM
TVJ = TVJM
tP = 30µs
10
W
IT = ITAVM
tP = 300µs
5
W
PGAVM
0.5
W
VRGM
10
V
TVJ
-40 ... + 125
°C
TVJM
125
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M5)
2-2.5
Nm
Weight
typ.
100
g
Features
Thyristor controller for AC (circuit
W3C acc. to IEC) for mains
frequency
Isolation voltage 3000 V∼
Planar glasspassivated chips
Package with metal base plate
• UL registered E 148688
Applications
Switching and control of three
phase AC circuits
Light and temperature control
Softstart AC motor controller
Solid state switches
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Package, stil and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSUH60

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSUH65 POWERSEM-PSUH65 Datasheet
868Kb / 2P
   Three Phase AC Controller Modules
PSUH6508 POWERSEM-PSUH6508 Datasheet
868Kb / 2P
   Three Phase AC Controller Modules
PSUH6512 POWERSEM-PSUH6512 Datasheet
868Kb / 2P
   Three Phase AC Controller Modules
PSUH6514 POWERSEM-PSUH6514 Datasheet
868Kb / 2P
   Three Phase AC Controller Modules
PSUH6516 POWERSEM-PSUH6516 Datasheet
868Kb / 2P
   Three Phase AC Controller Modules
More results

Similar Description - PSUH60

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSUH50 POWERSEM-PSUH50 Datasheet
135Kb / 2P
   Three Phase AC Controller Modules
PSUT50 POWERSEM-PSUT50 Datasheet
135Kb / 2P
   Three Phase AC Controller Modules
PSUH95 POWERSEM-PSUH95 Datasheet
133Kb / 2P
   Three Phase AC Controller Modules
PSUT36 POWERSEM-PSUT36 Datasheet
119Kb / 2P
   Three Phase AC Controller Modules
PSUT90 POWERSEM-PSUT90 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
PSUT230 POWERSEM-PSUT230 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
PSUT65PSUH65 POWERSEM-PSUT65PSUH65 Datasheet
868Kb / 2P
   Three Phase AC Controller Modules
PSUT230PSUH230 POWERSEM-PSUT230PSUH230 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
logo
IXYS Corporation
VWO50 IXYS-VWO50 Datasheet
47Kb / 2P
   Three Phase AC Controller Modules
VWO140 IXYS-VWO140 Datasheet
92Kb / 2P
   Three Phase AC Controller Modules
L173 IXYS-L173 Datasheet
161Kb / 2P
   Three Phase AC Controller Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com