Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSUH50 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSUH50
Description  Three Phase AC Controller Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSUH50 Datasheet(HTML) 1 Page - Powersem GmbH

  PSUH50 Datasheet HTML 1Page - Powersem GmbH PSUH50 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Three Phase
PSUH 50
IRMS
= 3 x 50A
AC Controller Modules
VRRM
= 400-1600 V
Preliminary Data Sheet
VRSM
VDSM
VRRM
VDRM
Type
500
400
PSUH 50/04
900
800
PSUH 50/08
1300
1200
PSUH 50/12
1500
1400
PSUH 50/14
*1700
*1600
PSUH 50/16
* Delivery on request
Symbol Test Conditions
Maximum Ratings
IRMS
TC = 85 °C, 50-400 Hz (per phase)
50
A
ITRMS
TVJ = TVJM
36
A
ITAVM
TC = 85 °C
180° sine
23
A
ITSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
520
A
VR = 0
t = 8.3 ms (60 Hz), sine
560
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
460
A
VR = 0
t = 8.3 ms (60 Hz), sine
500
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1350
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1320
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1060
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1050
A
2 s
(di/dt)cr
TVJ = TJVM
repetitive, IT = 150 A
100
A/
µs
f = 50Hz, tP = 200µs
VD = 2/3 VDRM
IG = 0.3 A
non repetitive, IT = ITAVM
500
A/
µs
diG/dt = 0.3 A/µs
(dv/dt)cr
TVJ = TVJM
VDR = 2/3 VDRM
1000
V/
µs
RGK = ∞, method 1 (linear voltage rise)
PGM
TVJ = TVJM
tP = 30µs
10
W
IT = ITAVM
tP = 300µs
5
W
PGAVM
0.5
W
VRGM
10
V
TVJ
-40 ... + 125
°C
TVJM
125
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M5)
5
Nm
Terminal connection torque
(M3)
(M5)
1.5
5
Nm
Nm
Weight
typ.
220
g
Features
Thyristor controller for AC (circuit
W3C acc. to IEC) for mains
frequency
Isolation voltage 3000 V∼
Planar glasspassivated chips
Package with metal base plate
• UL registered E 148688
Applications
Switching and control of three
phase AC circuits
Light and temperature control
Softstart AC motor controller
Solid state switches
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Package, stil and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSUH50

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSUH130 POWERSEM-PSUH130 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
PSUH13008 POWERSEM-PSUH13008 Datasheet
330Kb / 2P
   Three Phase AC Controller Modules
PSUH13012 POWERSEM-PSUH13012 Datasheet
330Kb / 2P
   Three Phase AC Controller Modules
PSUH13014 POWERSEM-PSUH13014 Datasheet
330Kb / 2P
   Three Phase AC Controller Modules
PSUH13016 POWERSEM-PSUH13016 Datasheet
330Kb / 2P
   Three Phase AC Controller Modules
More results

Similar Description - PSUH50

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSUT50 POWERSEM-PSUT50 Datasheet
135Kb / 2P
   Three Phase AC Controller Modules
PSUH95 POWERSEM-PSUH95 Datasheet
133Kb / 2P
   Three Phase AC Controller Modules
PSUT36 POWERSEM-PSUT36 Datasheet
119Kb / 2P
   Three Phase AC Controller Modules
PSUT90 POWERSEM-PSUT90 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
PSUT230 POWERSEM-PSUT230 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
PSUT65PSUH65 POWERSEM-PSUT65PSUH65 Datasheet
868Kb / 2P
   Three Phase AC Controller Modules
PSUT230PSUH230 POWERSEM-PSUT230PSUH230 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
logo
IXYS Corporation
VWO50 IXYS-VWO50 Datasheet
47Kb / 2P
   Three Phase AC Controller Modules
VWO140 IXYS-VWO140 Datasheet
92Kb / 2P
   Three Phase AC Controller Modules
L173 IXYS-L173 Datasheet
161Kb / 2P
   Three Phase AC Controller Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com