Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS3R-M426-1050-A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XS3R-M426-1050-A
Description  Round Water-resistant Connectors (M8)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3R-M426-1050-A Datasheet(HTML) 5 Page - Omron Electronics LLC

  XS3R-M426-1050-A Datasheet HTML 1Page - Omron Electronics LLC XS3R-M426-1050-A Datasheet HTML 2Page - Omron Electronics LLC XS3R-M426-1050-A Datasheet HTML 3Page - Omron Electronics LLC XS3R-M426-1050-A Datasheet HTML 4Page - Omron Electronics LLC XS3R-M426-1050-A Datasheet HTML 5Page - Omron Electronics LLC XS3R-M426-1050-A Datasheet HTML 6Page - Omron Electronics LLC XS3R-M426-1050-A Datasheet HTML 7Page - Omron Electronics LLC XS3R-M426-1050-A Datasheet HTML 8Page - Omron Electronics LLC XS3R-M426-1050-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Round Water-resistant Connectors (M8)
XS3
169
Ordering Information
Model Number Legend
Use this model number legend to identify products from their model number.
When ordering, use a model number from the table in Ordering Information.
1. Screw Type
M8:
M8 size
2. Cable type
PVC: PVC cable
PUR: PUR cable
3. Number of Poles
3:
3 poles
4:
4 poles
4. Shape
A:
Angled
S:
Straight
5. Cable Length
03M: 0.3 m
1M:
1 m
Connector
Size
Cable material
Poles
Type
Length (m)
Product description
plug
M8
PVC
3
Angled
0.3
XS3H-M8PVC3A03M
1
XS3H-M8PVC3A1M
Straight
0.3
XS3H-M8PVC3S03M
1
XS3H-M8PVC3S1M
4
Angled
0.3
XS3H-M8PVC4A03M
1
XS3H-M8PVC4A1M
Straight
0.3
XS3H-M8PVC4S03M
1
XS3H-M8PVC4S1M
PUR
3
Angled
0.3
XS3H-M8PUR3A03M
1
XS3H-M8PUR3A1M
Straight
0.3
XS3H-M8PUR3S03M
1
XS3H-M8PUR3S1M
4
Angled
0.3
XS3H-M8PUR4A03M
1
XS3H-M8PUR4A1M
Straight
0.3
XS3H-M8PUR4S03M
1
XS3H-M8PUR4S1M
XS3H - M8
@@@ @ @ @@M
12
3
4
5


Similar Part No. - XS3R-M426-1050-A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
XS300-071 ALPHAWIRE-XS300-071 Datasheet
97Kb / 3P
   Customer Specification
8/30/2022
XS300-071 ALPHAWIRE-XS300-071 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
XS300-071 ALPHAWIRE-XS300-071_V01 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
XS300-083 ALPHAWIRE-XS300-083 Datasheet
97Kb / 3P
   Customer Specification
8/30/2022
XS300-083 ALPHAWIRE-XS300-083 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
More results

Similar Description - XS3R-M426-1050-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5 OMRON-XS5 Datasheet
2Mb / 18P
   Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com