Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5PS121621BLFP-S5 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY5PS121621BLFP-S5
Description  512Mb DDR2 SDRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS121621BLFP-S5 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY5PS121621BLFP-S5 Datasheet HTML 7Page - Hynix Semiconductor HY5PS121621BLFP-S5 Datasheet HTML 8Page - Hynix Semiconductor HY5PS121621BLFP-S5 Datasheet HTML 9Page - Hynix Semiconductor HY5PS121621BLFP-S5 Datasheet HTML 10Page - Hynix Semiconductor HY5PS121621BLFP-S5 Datasheet HTML 11Page - Hynix Semiconductor HY5PS121621BLFP-S5 Datasheet HTML 12Page - Hynix Semiconductor HY5PS121621BLFP-S5 Datasheet HTML 13Page - Hynix Semiconductor HY5PS121621BLFP-S5 Datasheet HTML 14Page - Hynix Semiconductor HY5PS121621BLFP-S5 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Rev. 0.7 / Oct. 2007
11
1HY5PS12421B(L)FP
1HY5PS12821B(L)FP
1HY5PS121621B(L)FP
3. AC & DC Operating Conditons
3.1 DC Operating Conditions
3.1.1 Recommended DC Operating Conditions (SSTL_1.8)
3.1.2 ODT DC electrical characteristics
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.7
1.8
1.9
V
1
VDDL
Supply Voltage for DLL
1.7
1.8
1.9
V
1,2
VDDQ
Supply Voltage for Output
1.7
1.8
1.9
V
1,2
VREF
Input Reference Voltage
0.49*VDDQ
0.50*VDDQ
0.51*VDDQ
mV
3,4
VTT
Termination Voltage
VREF-0.04
VREF
VREF+0.04
V
5
1. Min. Typ. and Max. values increase by 100mV for C3(DDR2-533 3-3-3) speed option.
2. VDDQ tracks with VDD,VDDL tracks with VDD. AC parameters are measured with VDD,VDDQ and VDD.
3. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the
value of VREF is expected to be about 0.5 x VDDQ of the transmitting device and VREF is expected to track vari-
ations in VDDQ
4. Peak to peak ac noise on VREF may not exceed +/-2% VREF (dc).
5. VTT of transmitting device must track VREF of receiving device.
PARAMETER/CONDITION
SYMBOL
MIN NOM MAX UNITS NOTES
Rtt effective impedance value for EMRS(A6,A2)=0,1; 75 ohm
Rtt1(eff)
60
75
90
ohm
1
Rtt effective impedance value for EMRS(A6,A2)=1,0; 150 ohm Rtt2(eff)
120
150
180
ohm
1
Rtt effective impedance value for EMRS(A6,A2)=1,1; 50 ohm
Rtt3(eff)
40
50
60
ohm
1
Deviation of VM with respect to VDDQ/2
delta VM
-6
+6
%
1
Note
1. Test condition for Rtt measurements
Measurement Definition for Rtt(eff): Apply VIH (ac) and VIL (ac) to test pin separately, then measure current I(VIH
(ac)) and I(VIL(ac)) respectively. VIH (ac), VIL (ac), and VDDQ values defined in SSTL_18
Measurement Definition for VM : Measurement Voltage at test pin(mid point) with no load.
Rtt(eff) =
V
IH (ac) - VIL (ac)
I(V
IH (ac)) - I(VIL (ac))
delta VM =
2 x Vm
VDDQ
x 100%
- 1


Similar Part No. - HY5PS121621BLFP-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS121621AF HYNIX-HY5PS121621AF Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS121621AF-C3 HYNIX-HY5PS121621AF-C3 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS121621AF-C4 HYNIX-HY5PS121621AF-C4 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS121621AF-E3 HYNIX-HY5PS121621AF-E3 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS121621AF-S5 HYNIX-HY5PS121621AF-S5 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS121621BLFP-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com