Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG8W-1041 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XG8W-1041
Description  Standard Unshrouded Header Plug
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG8W-1041 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XG8W-1041 Datasheet HTML 1Page - Omron Electronics LLC XG8W-1041 Datasheet HTML 2Page - Omron Electronics LLC XG8W-1041 Datasheet HTML 3Page - Omron Electronics LLC XG8W-1041 Datasheet HTML 4Page - Omron Electronics LLC XG8W-1041 Datasheet HTML 5Page - Omron Electronics LLC XG8W-1041 Datasheet HTML 6Page - Omron Electronics LLC XG8W-1041 Datasheet HTML 7Page - Omron Electronics LLC XG8W-1041 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
72
Standard Unshrouded Header Plug
XG8
XG8V Single-row Header Plugs
Dimensions
Ordering Information
0.635 0.635
Mounting holes (bottom view)
0.8 +0.1 dia.
0
XG8V-
@@31
(With gold-plated straight terminals)
XG8V-
@@41
(With tin-plated straight terminals)
No. of
contacts
Dimensions (mm)
AB
3
7.6
5.08
410.2
7.62
5
12.7
10.16
6
15.2
12.70
7
17.8
15.24
8
20.3
17.78
10
25.4
22.86
12
30.5
27.94
13
33.0
30.48
15
38.1
35.56
16
40.6
38.10
17
43.2
40.64
20
50.8
48.26
36
91.4
88.90
0.635 0.635
Mounting holes (bottom view)
0.8 +0.1 dia.
0
4 to 11
XG8V-
@@34
(With gold-plated right-angle terminals)
XG8V-
@@44
(With tin-plated right-angle terminals)
No. of
contacts
Dimensions (mm)
AB
37.6
5.08
4
10.2
7.62
5
12.7
10.16
6
15.2
12.70
7
17.8
15.24
8
20.3
17.78
10
25.4
22.86
12
30.5
27.94
13
33.0
30.48
15
38.1
35.56
16
40.6
38.10
17
43.2
40.64
20
50.8
48.26
36
91.4
88.90
Appearance
Plugs with straight terminals
Plugs with right-angle terminals
No. of contacts
Model (gold plated)
Model (tin plated)
Model (gold plated)
Model (tin plated)
3
XG8V-0331
XG8V-0341
XG8V-0334
XG8V-0344
4
XG8V-0431
XG8V-0441
XG8V-0434
XG8V-0444
5
XG8V-0531
XG8V-0541
XG8V-0534
XG8V-0544
6
XG8V-0631
XG8V-0641
XG8V-0634
XG8V-0644
7
XG8V-0731
XG8V-0741
XG8V-0734
XG8V-0744
8
XG8V-0831
XG8V-0841
XG8V-0834
XG8V-0844
10
XG8V-1031
XG8V-1041
XG8V-1034
XG8V-1044
12
XG8V-1231
XG8V-1241
XG8V-1234
XG8V-1244
13
XG8V-1331
---
XG8V-1334
---
15
XG8V-1531
---
XG8V-1534
---
16
XG8V-1631
XG8V-1641
XG8V-1634
XG8V-1644
17
XG8V-1731
---
XG8V-1734
---
20
XG8V-2031
XG8V-2041
XG8V-2034
XG8V-2044
36
XG8V-3631
XG8V-3641
XG8V-3634
XG8V-3644


Similar Part No. - XG8W-1041

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG8W OMRON-XG8W Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results

Similar Description - XG8W-1041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
   Unshrouded Stackable Banana Plug
logo
FCI connector
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
   1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
logo
Molex Electronics Ltd.
75757-1401 MOLEX-75757-1401 Datasheet
240Kb / 2P
   MX150??Dual-Row Unshrouded Breakaway Header
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
C-282833 MACOM-C-282833 Datasheet
41Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 10mm PITCH
C-1776708 MACOM-C-1776708 Datasheet
76Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
logo
Molex Electronics Ltd.
SD-75757-010 MOLEX-SD-75757-010 Datasheet
203Kb / 2P
   MX150 SINGLE ROW UNSHROUDED VERTICAL HEADER ASSEMBLY
2020/03/02
logo
Tyco Electronics
C-1546019 MACOM-C-1546019 Datasheet
53Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1776489 MACOM-C-1776489 Datasheet
108Kb / 1P
   HEADER, STRAIGHT, UNSHROUDED 5.0MM PITCH HIGH TEMP
C-1546214 MACOM-C-1546214 Datasheet
52Kb / 1P
   TERMINAL BLOCK PIN HEADER, UNSHROUDED, 5.0mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com