Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5PS12821BFP-S6 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY5PS12821BFP-S6
Description  512Mb DDR2 SDRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12821BFP-S6 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY5PS12821BFP-S6 Datasheet HTML 6Page - Hynix Semiconductor HY5PS12821BFP-S6 Datasheet HTML 7Page - Hynix Semiconductor HY5PS12821BFP-S6 Datasheet HTML 8Page - Hynix Semiconductor HY5PS12821BFP-S6 Datasheet HTML 9Page - Hynix Semiconductor HY5PS12821BFP-S6 Datasheet HTML 10Page - Hynix Semiconductor HY5PS12821BFP-S6 Datasheet HTML 11Page - Hynix Semiconductor HY5PS12821BFP-S6 Datasheet HTML 12Page - Hynix Semiconductor HY5PS12821BFP-S6 Datasheet HTML 13Page - Hynix Semiconductor HY5PS12821BFP-S6 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Rev. 0.7 / Oct. 2007
10
1HY5PS12421B(L)FP
1HY5PS12821B(L)FP
1HY5PS121621B(L)FP
2. Maximum DC Ratings
2.1 Absolute Maximum DC Ratings
2.2 Operating Temperature Condition
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to Vss
- 1.0 V ~ 2.3 V
V
1
VDDQ
Voltage on VDDQ pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
VDDL
Voltage on VDDL pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
VIN, VOUT
Voltage on any pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
TSTG
Storage Temperature
-55 to +100
°C
1, 2
II
Input leakage current; any input 0V VIN VDD;
all other balls not under test = 0V)
-2 ~ 2
uA
IOZ
Output leakage current; 0V VOUT VDDQ; DQ
and ODT disabled
-5 ~ 5
uA
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement
conditions. Please refer to JESD51-2 standard.
Symbol
Parameter
Rating
Units
Notes
tOPER
Operating Temperature
0 to 95
°C
1,2
1. Operating Temperature is the case surface temperature on the center/top side of the DRAM. For the mea-
surement conditions, please refer to JESD51-2 standard.
2. At tOPER 85~95℃, Double refresh rate(tREFI: 3.9us) is required, and to enter the self refresh mode at this
temperature range it must be required an EMRS command to change itself refresh rate.


Similar Part No. - HY5PS12821BFP-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12821AF HYNIX-HY5PS12821AF Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12821AF-C3 HYNIX-HY5PS12821AF-C3 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12821AF-C4 HYNIX-HY5PS12821AF-C4 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12821AF-E3 HYNIX-HY5PS12821AF-E3 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12821AF-S5 HYNIX-HY5PS12821AF-S5 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12821BFP-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com