Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XH3B-8041 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XH3B-8041
Description  Half-pitch Board-to-Board Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XH3B-8041 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XH3B-8041 Datasheet HTML 1Page - Omron Electronics LLC XH3B-8041 Datasheet HTML 2Page - Omron Electronics LLC XH3B-8041 Datasheet HTML 3Page - Omron Electronics LLC XH3B-8041 Datasheet HTML 4Page - Omron Electronics LLC XH3B-8041 Datasheet HTML 5Page - Omron Electronics LLC XH3B-8041 Datasheet HTML 6Page - Omron Electronics LLC XH3B-8041 Datasheet HTML 7Page - Omron Electronics LLC XH3B-8041 Datasheet HTML 8Page - Omron Electronics LLC XH3B-8041 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Half-pitch Board-to-Board Connectors
XH3
97
Half-pitch Board-to-Board Connectors
XH3
Screw Mount Eliminated to Save Space.
Adjustable Stacking Height of 12 to 20 mm.
• The stacking height can be adjusted in 1-mm increments.
• Mating length of 3.1 mm and a pitch of 1.27 mm for high-
density mounting in double-row arrangements.
• All models incorporate fastening pins to secure the terminals,
thus preventing floating or falling over during soldering.
• Leaf contact construction enables smooth mating and re-
sistance to bending.
• The XH3 conforms to EN, IEC, UL (file no. E103202), and
CSA (file no. LR62678).
Ordering Information
Plugs - - Straight and Right-angle Through-hole PCB Terminals
Note: Applicable board thickness is 1.6 mm.
Sockets - - Straight and Right-angle Through-hole PCB Terminals
Note: Applicable board thickness is 1.6 mm.
Appearance
No Fastening Pin
With PCB Fastening Pins (See Note)
(Standard)
(Standard)
(2-mm increments)
(4-mm increments)
(Standard)
No. of contacts
Straight Terminals
Right-angle Terminals
20
XH3A-2041
XH3A-2041-A
XH3A-2041-2A
XH3A-2041-4A
- - -
30
XH3A-3041
XH3A-3041-A
XH3A-3041-2A
XH3A-3041-4A
XH3A-3042-A
40
XH3A-4041
XH3A-4041-A
XH3A-4041-2A
XH3A-4041-4A
XH3A-4042-A
50
XH3A-5041
XH3A-5041-A
XH3A-5041-2A
XH3A-5041-4A
XH3A-5042-A
60
XH3A-6041
XH3A-6041-A
XH3A-6041-2A
XH3A-6041-4A
XH3A-6042-A
68
XH3A-6841
XH3A-6841-A
XH3A-6841-2A
XH3A-6841-4A
XH3A-6842-A
80
XH3A-8041
XH3A-8041-A
XH3A-8041-2A
XH3A-8041-4A
XH3A-8042-A
100
XH3A-0141
XH3A-0141-A
XH3A-0141-2A
XH3A-0141-4A
XH3A-0142-A
120
XH3A-0241
XH3A-0241-A
XH3A-0241-2A
XH3A-0241-4A
- - -
Appearance
No Fastening Pin
With PCB Fastening Pins (See Note)
(Standard)
(Standard)
(1-mm increment)
(3-mm increments) (4-mm increments)
(Standard)
No. of contacts
Straight Terminals
Right-angle
20
XH3B-2041
XH3B-2041-A
XH3B-2041-1A
XH3B-2041-3A
XH3B-2041-4A
- - -
30
XH3B-3041
XH3B-3041-A
XH3B-3041-1A
XH3B-3041-3A
XH3B-3041-4A
XH3B-3042-A
40
XH3B-4041
XH3B-4041-A
XH3B-4041-1A
XH3B-4041-3A
XH3B-4041-4A
XH3B-4042-A
50
XH3B-5041
XH3B-5041-A
XH3B-5041-1A
XH3B-5041-3A
XH3B-5041-4A
XH3B-5042-A
60
XH3B-6041
XH3B-6041-A
XH3B-6041-1A
XH3B-6041-3A
XH3B-6041-4A
XH3B-6042-A
68
XH3B-6841
XH3B-6841-A
XH3B-6841-1A
XH3B-6841-3A
XH3B-6841-4A
XH3B-6842-A
80
XH3B-8041
XH3B-8041-A
XH3B-8041-1A
XH3B-8041-3A
XH3B-8041-4A
XH3B-8042-A
100
XH3B-0141
XH3B-0141-A
XH3B-0141-1A
XH3B-0141-3A
XH3B-0141-4A
XH3B-0142-A
120
XH3B-0241
XH3B-0241-A
XH3B-0241-1A
XH3B-0241-3A
XH3B-0241-4A
- - -


Similar Part No. - XH3B-8041

ManufacturerPart #DatasheetDescription
logo
Shuttle Computer Handel...
XH310 SHUTTLE-XH310 Datasheet
350Kb / 3P
   Shuttle Accessory PCM31 Triple COM port expansion for Shuttle Sl im-PC Barebones XH310(R) and XH610
10 February 2023
XH310R SHUTTLE-XH310R Datasheet
350Kb / 3P
   Shuttle Accessory PCM31 Triple COM port expansion for Shuttle Sl im-PC Barebones XH310(R) and XH610
10 February 2023
logo
Okaya Electric America,...
XH332 OKAYA-XH332 Datasheet
297Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XH332 OKAYA-XH332 Datasheet
80Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XH333 OKAYA-XH333 Datasheet
297Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XH3B-8041

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XH2 OMRON-XH2 Datasheet
327Kb / 8P
   Half-pitch Board-to-Board Connectors
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
20P-JMDSS-G-1-TF JST-20P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
LBT JST-LBT Datasheet
137Kb / 3P
   Board-to-board connectors
logo
AVX Corporation
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com